Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA636BS Datasheet (PDF) - NXP Semiconductors

SA636BS Datasheet PDF - NXP Semiconductors
Part # SA636BS
Download  SA636BS Download
File Size   2181.87 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low voltage high performance mixer FM IF system with high-speed RSSI

SA636BS Datasheet (PDF)

Go To PDF Page Download Datasheet
SA636BS Datasheet PDF - NXP Semiconductors

Part # SA636BS
Download  SA636BS Click to download

File Size   2181.87 Kbytes
Page   32 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Low voltage high performance mixer FM IF system with high-speed RSSI

SA636BS Datasheet (HTML) - NXP Semiconductors


SA636BS Product details

General description
The SA636 is a low-voltage high performance monolithic FM IF system with high-speed RSSI incorporating a mixer/oscillator, two limiting intermediate frequency amplifiers, quadrature detector, logarithmic Received Signal Strength Indicator (RSSI), voltage regulator, wideband data output and fast RSSI op amps. The SA636 is available in 20-lead SSOP (Shrink Small Outline Package) and HVQFN20 (quad flat package).

Features and benefits
■ Wideband data output (600 kHz minimum)
■ Fast RSSI rise and fall times
■ Low power consumption: 6.5 mA typical at 3 V
■ Mixer input to >500 MHz
■ Mixer conversion power gain of 11 dB at 240 MHz
■ Mixer noise figure of 12 dB at 240 MHz
■ XTAL oscillator effective to 150 MHz (LC oscillator to 1 GHz local oscillator can be
   injected)
■ 92 dB of IF amp/limiter gain
■ 25 MHz limiter small signal bandwidth
■ Temperature compensated logarithmic Received Signal Strength Indicator (RSSI) with
   a dynamic range in excess of 90 dB
■ RSSI output internal op amp
■ Internal op amps with rail-to-rail outputs
■ Low external component count; suitable for crystal/ceramic/LC filters
■ Excellent sensitivity: 0.54 μV into 50Ω  matching network for 12 dB SINAD  (Signal-to-Noise And Distortion ratio) for 1 kHz tone with RF at 240 MHz and IF at 10.7 MHz
■ 10.7 MHz filter matching (330 Ω)
■ Power-down mode (ICC = 200 μA)
■ ESD protection exceeds 2000 V HBM per JESD22-A114 and 1000 V CDM per JESD22-C101
■ Latch-up testing is done to JEDEC Standard JESD78 Class II, Level B

Applications
■ DECT (Digital European Cordless Telephone)
■ Digital cordless telephones
■ Digital cellular telephones
■ Portable high performance communications receivers
■ Single conversion VHF/UHF receivers
■ FSK and ASK data receivers
■ Wireless LANs




Similar Part No. - SA636BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA636DK PHILIPS-SA636DK Datasheet
173Kb / 17P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
More results


Similar Description - SA636BS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA606 PHILIPS-SA606 Datasheet
214Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA607 PHILIPS-SA607 Datasheet
183Kb / 19P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA617 PHILIPS-SA617 Datasheet
139Kb / 17P
Low-voltage high performance mixer FM IF system
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com