Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA624 Datasheet (PDF) - NXP Semiconductors

SA624 Datasheet PDF - NXP Semiconductors
Part # SA624
Download  SA624 Download
File Size   161.9 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High performance low power FM IF system with high-speed RSSI

SA624 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA624 Datasheet PDF - NXP Semiconductors

Part # SA624
Download  SA624 Click to download

File Size   161.9 Kbytes
Page   15 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High performance low power FM IF system with high-speed RSSI

SA624 Datasheet (HTML) - NXP Semiconductors


SA624 Product details

DESCRIPTION
The SA624 is pin-to-pin compatible with the SA604A, but has faster RSSI rise and fall time. The SA624 is an improved monolithic low-power FM IF system incorporating two limiting intermediate frequency amplifiers, quadrature detector, muting, logarithmic received signal strength indicator, and voltage regulator. The SA624 features higher IF bandwidth (25MHz) and temperature compensated RSSI and limiters permitting higher performance application compared with the SA604. The SA624 is available in 16-lead SO (surface-mounted miniature) package.

FEATURES
• Low power consumption: 3.4mA typical
• Temperature compensated logarithmic Received Signal Strength Indicator (RSSI) with a dynamic range in excess of 90dB
• Fast RSSI rise and fall time
• Two audio outputs - muted and unmuted
• Low external component count; suitable for crystal/ceramic filters
• Excellent sensitivity: 1.5µV across input pins (0.22µV into 50Ω matching network) for 12dB SINAD (Signal to Noise and Distortion ratio) at 455kHz
• SA624 meets cellular radio specifications

APPLICATIONS
• Digital cellular base station
• Cellular radio FM IF
• High performance communications receivers
• Intermediate frequency amplification and detection up to 25MHz
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers




Similar Part No. - SA624

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA620DK PHILIPS-SA620DK Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA621DH PHILIPS-SA621DH Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
More results


Similar Description - SA624

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604A PHILIPS-SA604A Datasheet
140Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA627 PHILIPS-SA627 Datasheet
127Kb / 16P
High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
NE604A PHILIPS-NE604A Datasheet
127Kb / 10P
High performance low power FM IF system
1994 Dec 15
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
SA636 NXP-SA636 Datasheet
2Mb / 32P
Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com