Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA627 Datasheet (PDF) - NXP Semiconductors

SA627 Datasheet PDF - NXP Semiconductors
Part # SA627
Download  SA627 Download
File Size   127.44 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High performance low power FM IF system with high-speed RSSI

SA627 Datasheet (PDF)

Go To PDF Page Download Datasheet
SA627 Datasheet PDF - NXP Semiconductors

Part # SA627
Download  SA627 Click to download

File Size   127.44 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description High performance low power FM IF system with high-speed RSSI

SA627 Datasheet (HTML) - NXP Semiconductors


SA627 Product details

DESCRIPTION
The SA627 has faster RSSI rise and fall times. The SA627 is a high performance monolithic low-power FM IF system incorporating a mixer/oscillator, two limiting intermediate frequency amplifiers, quadrature detector, muting, logarithmic received signal strength indicator (RSSI) with fast rise and fall time, voltage regulator and frequency check/limiter out (–). The SA627 also has an extra limiter output.

FEATURES
• Fast RSSI rise and fall times
• Low power consumption: 5.8mA typical at 6V
• Mixer input to >500MHz
• Mixer conversion power gain of 13dB at 45MHz
• Mixer noise figure of 4.6dB at 45MHz
• XTAL oscillator effective to 150MHz (L.C. oscillator to 1GHz local oscillator can be injected)
• 102dB of IF Amp/Limiter gain
• 25MHz limiter small signal bandwidth
• Temperature compensated logarithmic Received Signal Strength Indicator (RSSI) with a dynamic range in excess of 90dB
• Audio output - mutable
• Low external component count; suitable for crystal/ceramic/LC filters
• Excellent sensitivity: 0.22µV into 50Ω matching network for 12dB SINAD (Signal to Noise and Distortion ratio) for 1kHz tone, 8kHz deviation with RF at 45MHz and IF at 455kHz
• SA627 meets cellular radio specifications
• ESD hardened

APPLICATIONS
• Digital cellular base stations
• High performance communications receivers
• Single conversion VHF/UHF receivers
• SCA receivers
• RF level meter
• Spectrum analyzer
• Instrumentation
• FSK and ASK data receivers
• Log amps
• Wideband low current amplification
• Digital cordless telephones




Similar Part No. - SA627

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA620 PHILIPS-SA620 Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA620DK PHILIPS-SA620DK Datasheet
331Kb / 11P
Low voltage LNA, mixer and VCO - 1GHz
December 15, 1993
SA621 PHILIPS-SA621 Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA621DH PHILIPS-SA621DH Datasheet
118Kb / 16P
1GHz - Low voltage LNA, mixer and VCO
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
High performance low power FM IF system with high-speed RSSI
1997 Nov 07
More results


Similar Description - SA627

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA604A PHILIPS-SA604A Datasheet
140Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA624 PHILIPS-SA624 Datasheet
161Kb / 15P
High performance low power FM IF system with high-speed RSSI
1997 Nov 07
SA625 PHILIPS-SA625 Datasheet
157Kb / 14P
High performance low power mixer FM IF system with high-speed RSSI
1997 Nov 07
SA626 PHILIPS-SA626 Datasheet
231Kb / 16P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Sept 25
SA636 PHILIPS-SA636 Datasheet
173Kb / 17P
Low voltage high performance mixer FM IF system with high-speed RSSI
1997 Nov 07
SA58641 PHILIPS-SA58641 Datasheet
179Kb / 17P
High performance mixer FM IF system with high-speed RSSI
2004 Dec 16
NE604A PHILIPS-NE604A Datasheet
127Kb / 10P
High performance low power FM IF system
1994 Dec 15
SA604AD01 PHILIPS-SA604AD01 Datasheet
156Kb / 13P
High performance low power FM IF system
1997 Nov 07
SA636 PHILIPS-SA636_15 Datasheet
1Mb / 31P
Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 6-5 December 2012
SA636 NXP-SA636 Datasheet
2Mb / 32P
Low voltage high performance mixer FM IF system with high-speed RSSI
Rev. 8-8 October 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com