Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3Y34M Datasheet (PDF) - Sharp Corporation

IR3Y34M Datasheet PDF - Sharp Corporation
Part # IR3Y34M
Download  IR3Y34M Download
File Size   81.87 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Video Interface ICs for TFT-LCDs

IR3Y34M Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3Y34M Datasheet PDF - Sharp Corporation

Part # IR3Y34M
Download  IR3Y34M Click to download

File Size   81.87 Kbytes
Page   2 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description Video Interface ICs for TFT-LCDs

IR3Y34M Datasheet (HTML) - Sharp Corporation


IR3Y34M Product details

< Outline >
The RB5P0070M is a video interface IC that can be adapted for use with digital TFT color liquid crystal display equipment, and because it can be used with composite video, Y/C, and analog RGB signal input, it is highly suited to systems that display television images, such as car navigation and portable DVD players.

< Main Specifications >
- For digital signal input TFT-LCD panel
- Built-in composite video input signal, Y/C input signal, analog RGB input signal.
- Built-in 8-bit 3ch ADC
- For VGA wide (800 x 480 dot, aspect ratio 16:9)
- 16-bit YUV output mode
- Color decode: NTSC/PAL
- Supply voltage: 2.7 to 3.6 V
                            6.5 to 8.0 V
- Power consumption: 330 mW(TYP.)
- ADC clock frequency: 36 MHz (MAX.)
- Operating temperature: -30 to 85 ℃
- Package: 72QFP(P-QFP072-1010)




Similar Part No. - IR3Y34M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR3Y30M SHARP-IR3Y30M Datasheet
188Kb / 22P
CCD Signal Processors for B/W CCD Cameras
IR3Y30M1 SHARP-IR3Y30M1 Datasheet
188Kb / 22P
CCD Signal Processors for B/W CCD Cameras
IR3Y38 SHARP-IR3Y38 Datasheet
152Kb / 21P
CCD Signal Process & Digital Interface IC
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
CCD Signal Process & Digital Interface IC
More results


Similar Description - IR3Y34M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ACX300 ETC-ACX300 Datasheet
39Kb / 2P
Low-temperature Polysilicon TFT LCDs
logo
Sharp Corporation
RB5P0090M SHARP-RB5P0090M Datasheet
38Kb / 1P
Video Interface ICs for TFT-LCDs
logo
Maxim Integrated Produc...
MAX9550 MAXIM-MAX9550 Datasheet
823Kb / 12P
High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX9550 MAXIM-MAX9550_07 Datasheet
497Kb / 12P
High-Current VCOM Drive Buffers for TFT LCDs
Rev 3; 10/07
logo
List of Unclassifed Man...
41696004X-3 ETC2-41696004X-3 Datasheet
643Kb / 50P
PC, DVI, VIDEO, HD-Component INTERFACE CONTROLLER FOR TFT PANEL
41696005X-3 ETC2-41696005X-3 Datasheet
814Kb / 56P
PC, DVI, VIDEO, HD Component INTERFACE CONTROLLER FOR TFT PANEL
41721003X-3 ETC2-41721003X-3 Datasheet
1Mb / 67P
PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
41725001X-3 ETC2-41725001X-3 Datasheet
1Mb / 70P
PC, DVI, HDMI, VIDEO INTERFACE CONTROLLER FOR TFT PANEL
4169900304X-3 ETC2-4169900304X-3 Datasheet
521Kb / 39P
PC, DVI & VIDEO INTERFACE CONTROLLER FOR TFT PANEL
logo
Maxim Integrated Produc...
MAX9650 MAXIM-MAX9650_V01 Datasheet
1Mb / 9P
High-Current VCOM Drive Op Amps for TFT LCDs
2018
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com