Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3Y38M Datasheet (PDF) - Sharp Corporation

IR3Y38M Datasheet PDF - Sharp Corporation
Part # IR3Y38M
Download  IR3Y38M Download
File Size   152.14 Kbytes
Page   21 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CCD Signal Process & Digital Interface IC

IR3Y38M Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3Y38M Datasheet PDF - Sharp Corporation

Part # IR3Y38M
Download  IR3Y38M Click to download

File Size   152.14 Kbytes
Page   21 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CCD Signal Process & Digital Interface IC

IR3Y38M Datasheet (HTML) - Sharp Corporation


IR3Y38M Product details

DESCRIPTION
The IR3Y38M is a bipolar single-chip signal processing IC for CCD area sensors which includes correlated double sampling circuit (CDS), clamp circuit, automatic gain control amplifier (AGC), reference voltage generator, black level detection circuit, 10-bit analog-to-digital converter (ADC), and serial interface for internal circuits.

FEATURES
● Low power consumption : 315 mW (TYP.)
● Wide AGC range : 12 to 43.5 dB
● High speed sample-and-hold circuits : pulse width 12 ns (MIN.)
● Built-in standby mode for power saving applications
● Built-in serial interface to control the AGC gain, maximum gain and offset adjustment
● 10-bit ADC operating up to 18 MHz
● Digital interface for operating 3.3 V logic ICs
● Single +5 V power supply
● Package : 48-pin QFP (QFP048-P-0707) 0.5 mm pin-pitch




Similar Part No. - IR3Y38M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR3Y30M SHARP-IR3Y30M Datasheet
188Kb / 22P
CCD Signal Processors for B/W CCD Cameras
IR3Y30M1 SHARP-IR3Y30M1 Datasheet
188Kb / 22P
CCD Signal Processors for B/W CCD Cameras
IR3Y31M SHARP-IR3Y31M Datasheet
81Kb / 2P
Video Interface ICs for TFT-LCDs
IR3Y34M SHARP-IR3Y34M Datasheet
81Kb / 2P
Video Interface ICs for TFT-LCDs
IR3Y35M SHARP-IR3Y35M Datasheet
81Kb / 2P
Video Interface ICs for TFT-LCDs
More results


Similar Description - IR3Y38M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC99063-LF2 SANYO-LC99063-LF2 Datasheet
121Kb / 8P
CCD Digital Signal Processing IC
logo
Sharp Corporation
IR3Y48M SHARP-IR3Y48M Datasheet
176Kb / 31P
CCD Signal Process & Digital Interface IC
logo
Burr-Brown (TI)
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
logo
Sharp Corporation
IR3Y48A1 SHARP-IR3Y48A1 Datasheet
195Kb / 34P
CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
List of Unclassifed Man...
HD49801FB ETC1-HD49801FB Datasheet
185Kb / 43P
Digital Signal Processing IC for CCD Cameras
logo
Sanyo Semicon Device
LC822152 SANYO-LC822152 Datasheet
661Kb / 11P
CMOS IC CCD-LCD Interface ASIC
logo
Holtek Semiconductor In...
HT82V863R HOLTEK-HT82V863R Datasheet
2Mb / 17P
CCD Digital Signal Processor
September 30, 2011
logo
Agamem Microelectronic ...
AA88048 AGAMEM-AA88048 Datasheet
50Kb / 1P
CCD SIGNAL PROCESS & DIGITAL INTERFACE IC
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0872 AVAGO-HCPL-0872 Datasheet
212Kb / 12P
Digital Interface IC
HCPL-0872-000E AVAGO-HCPL-0872-000E Datasheet
212Kb / 12P
Digital Interface IC
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com