Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR3Y30M Datasheet (PDF) - Sharp Corporation

IR3Y30M Datasheet PDF - Sharp Corporation
Part # IR3Y30M
Download  IR3Y30M Download
File Size   188.38 Kbytes
Page   22 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CCD Signal Processors for B/W CCD Cameras

IR3Y30M Datasheet (PDF)

Go To PDF Page Download Datasheet
IR3Y30M Datasheet PDF - Sharp Corporation

Part # IR3Y30M
Download  IR3Y30M Click to download

File Size   188.38 Kbytes
Page   22 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description CCD Signal Processors for B/W CCD Cameras

IR3Y30M Datasheet (HTML) - Sharp Corporation


IR3Y30M Product details

DESCRIPTION
The IR3Y30M/M1 are bipolar single-chip signal processing ICs with built-in low-pass filter and delay line for B/W video cameras. They realize both downsizing and cost reduction of the finished set.

FEATURES
¥ Low power consumption : 265 mW (TYP.)
• Wide AGC range : —3 to +29 dB
• High speed sample-and-hold circuits : pulse width 15 ns (MIN.)
• Signal processing from CCD output to 75 $ video output is possible
• Built-in low-pass filter
• Built-in comparator for electronic exposure control
• Built-in aperture circuit and delay line
• Single +5 V power supply
• Packages
    — IR3Y30M : 48-pin QFP (QFP048-P-1010)
    — IR3Y30M1 : 48-pin QFP (QFP048-P-0707)
                            0.5 mm pin-pitch




Similar Part No. - IR3Y30M

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR3Y31M SHARP-IR3Y31M Datasheet
81Kb / 2P
Video Interface ICs for TFT-LCDs
IR3Y34M SHARP-IR3Y34M Datasheet
81Kb / 2P
Video Interface ICs for TFT-LCDs
IR3Y35M SHARP-IR3Y35M Datasheet
81Kb / 2P
Video Interface ICs for TFT-LCDs
IR3Y38 SHARP-IR3Y38 Datasheet
152Kb / 21P
CCD Signal Process & Digital Interface IC
IR3Y38M SHARP-IR3Y38M Datasheet
152Kb / 21P
CCD Signal Process & Digital Interface IC
More results


Similar Description - IR3Y30M

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9801 AD-AD9801 Datasheet
292Kb / 12P
CCD Signal Processor For Electronic Cameras
REV.0
AD9802 AD-AD9802 Datasheet
366Kb / 20P
CCD Signal Processor For Electronic Cameras
REV.0
AD9803 AD-AD9803 Datasheet
179Kb / 19P
CCD Signal Processor For Electronic Cameras
REV.0
logo
Burr-Brown (TI)
VSP2000 BURR-BROWN-VSP2000 Datasheet
291Kb / 12P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
VSP2210 BURR-BROWN-VSP2210 Datasheet
123Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2212 BURR-BROWN-VSP2212 Datasheet
125Kb / 11P
CCD SIGNAL PROCESSOR For Digital Cameras
VSP2260 BURR-BROWN-VSP2260 Datasheet
221Kb / 13P
CCD SIGNAL PROCESSOR for DIGITAL CAMERAS
logo
Texas Instruments
VSP2270 TI-VSP2270 Datasheet
258Kb / 19P
CCD SIGNAL PROCESSOR FOR DIGITAL CAMERAS
logo
Analog Devices
AD9802 AD-AD9802_15 Datasheet
300Kb / 20P
CCD Signal Processor For Electronic Cameras
REV. 0
logo
Texas Instruments
VSP2230 TI1-VSP2230_14 Datasheet
1Mb / 4P
CCD SIGNAL PROCESSOR For Digital Cameras
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com