Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1818 Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1818 Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1818
Download  SSD1818 Download
File Size   471.66 Kbytes
Page   44 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller

SSD1818 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1818 Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1818
Download  SSD1818 Click to download

File Size   471.66 Kbytes
Page   44 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller

SSD1818 Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1818 Product details

[SOLOMON Systech Limited]

LCD Segment / Common Driver with Controller

SSD1818 is a single-chip CMOS LCD driver with controllers for dot-matrix graphic liquid crystal display system. It consists of 169 high-voltage driving outputs for driving maximum 104 Segments, 64 Commons and 1 icon line.
SSD1818 consists of 104 x 65 bits Graphic Display Data RAM (GDDRAM). Data/Commands are sent from common MCU through 8-bit Parallel or 4-wire Serial Interface. 6800-series, 8080-series compatible Parallel Interface and Serial Peripheral Interface can be selected by hardware configuration.
SSD1818 embeds DC-DC Converter with booster capacitors, On-Chip Oscillator and Bias Divider with integrated stabilizing capacitors so as to reduce the number of external components. With the advanced design for low power consumption, stable LCD operating voltage and flexible die layout, SSD1818 is suitable for any portable battery-driven applications requiring long operation period with compact size.

FEATURES
   104 x 64 + 1 Icon Line
   Single Supply Operation, 2.4 V - 3.5V
   Minimum -12.0V LCD Driving Output Voltage
   Low Current Sleep Mode
   On-Chip Voltage Generator or External LCD Driving Power Supply Selectable
   2X / 3X / 4X/ 5X On-Chip DC-DC Converter
   On-Chip Oscillator
   On-Chip Bias Divider with integrated stabilizing capacitors
   Programmable bias ratio [1/4-1/9]
   8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface and Serial Peripheral Interface
   On-Chip 104 X 65 Graphic Display Data RAM
   Row Re-mapping and Column Re-mapping
   Vertical Scrolling
   Display Offset Control
   64 Level Internal Contrast Control
   Programmable LCD Driving Voltage Temperature Coefficients
   Programmable MUX ratio [2-64 MUX] (Partial display mode)
   Available in Gold Bump Die




Similar Part No. - SSD1818

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818ATR1 ETC-SSD1818ATR1 Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818AZ ETC-SSD1818AZ Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
More results


Similar Description - SSD1818

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
LCD Segment / Common Driver with Controller CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
LCD Segment / Common Driver with Controller
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
LCD Segment / Common Driver with Controller
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
LCD Segment / Common Driver with Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com