Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1815B Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1815B Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1815B
Download  SSD1815B Download
File Size   361.82 Kbytes
Page   36 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller

SSD1815B Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1815B Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1815B
Download  SSD1815B Click to download

File Size   361.82 Kbytes
Page   36 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller

SSD1815B Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1815B Product details

[SOLOMON SYSTECH]

LCD Segment / Common Driver with Controller
CMOS

SSD1815B is a single-chip CMOS LCD drivers with controllers for dot-matrix graphic liquid crystal display system. SSD1815B is capable to drive 132 Segments, 64 Commons and 1 icon line by its 197 high voltage driving output.
SSD1815B display data directly from their internal 132 x 65 bits Graphic Display Data RAM (GDDRAM). Data/Commands are sent from common MCU through 8-bit Parallel or Serial Interface. The selection of whether 6800- or 8080-series compatible Parallel Interface or Serial Peripheral Interface is done by hardware pins configuration.
SSD1815B embeds a DC-DC Converter, an On-Chip Bias Divider and an On-Chip Oscillator which reduce the number of external components. With the advanced design on minimizing power consumption and die/package layout, SSD1815B is suitable for any portable battery-driven applications requiring a long operation period with a compact size.

FEATURES
   Dot-matrix Display with separated Icon Line, 132 x 64 + 1 Icon Line
   Single Supply Operation, 2.4V ~ 3.5V
   Minimum -12.0V LCD Driving Output Voltage
   Low Current Sleep Mode
   On-Chip Voltage Generator or External LCD Driving Power Supply Selectable
   2X / 3X / 4X On-Chip DC-DC Converter
   On-Chip Oscillator
   Programmable Multiplex ratio in dot-matrix display area, 1Mux ~ 64Mux
   On-Chip Bias Divider
   Programmable bias ratio, 1/4, 1/5, 1/6, 1/7, 1/8, 1/9
   8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface and Serial Peripheral Interface
   On-Chip 132 X 65 Graphic Display Data RAM
   Re-mapping of Row and Column Drivers
   Vertical Scrolling
   Display Offset Control
   64 Level Internal Contrast Control
   External Contrast Control
   Programmable LCD Driving Voltage Temperature Coefficients
   Available in Gold Bump Die and TAB (Tape Automated Bonding) Package




Similar Part No. - SSD1815B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1815 ETC-SSD1815 Datasheet
856Kb / 35P
SEMICONDUCTOR TECHNICAL DATA
SSD1815T1R ETC-SSD1815T1R Datasheet
856Kb / 35P
SEMICONDUCTOR TECHNICAL DATA
SSD1815T2R ETC-SSD1815T2R Datasheet
856Kb / 35P
SEMICONDUCTOR TECHNICAL DATA
SSD1815T3R ETC-SSD1815T3R Datasheet
856Kb / 35P
SEMICONDUCTOR TECHNICAL DATA
SSD1815TR ETC-SSD1815TR Datasheet
856Kb / 35P
SEMICONDUCTOR TECHNICAL DATA
More results


Similar Description - SSD1815B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
LCD Segment / Common Driver with Controller CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
LCD Segment / Common Driver with Controller
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD0817 ETC1-SSD0817 Datasheet
405Kb / 43P
LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
LCD Segment / Common Driver with Controller
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
LCD Segment / Common Driver with Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com