Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1815 Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1815 Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1815
Download  SSD1815 Download
File Size   856.81 Kbytes
Page   35 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SEMICONDUCTOR TECHNICAL DATA

SSD1815 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1815 Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1815
Download  SSD1815 Click to download

File Size   856.81 Kbytes
Page   35 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description SEMICONDUCTOR TECHNICAL DATA

SSD1815 Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1815 Product details

[SolomonGroup]

LCD Segment / Common Driver with Controller
CMOS

SSD1815 is a single-chip CMOS LCD driver with controller for liquid crystal dotmatrix graphic display system. It consists of 197 high voltage driving output pins for driving 132 Segments, 64 Commons and 1 icon driving-Common.
SSD1815 displays data directly from its internal 132 X 65 bits Graphic Display Data RAM (GDDRAM). Data/Commands are sent from general MCU through a software selectable 6800-/8080-series compatible Parallel Interface or Serial Peripheral Interface.
SSD1815 embeds a DC-DC Converter, an On-Chip Bias Divider and an On-Chip Oscillator which reduce the number of external components. With the special design on minimizing power consumption and die/package layout, SSD1815 is suitable for any portable battery-driven applications requiring a long operation period and a compact size.

• Single Supply Operation, 1.8 V - 3.5V
• Minimum -12.0V LCD Driving Output Voltage
• Low Current Sleep Mode
• On-Chip Voltage Generator / External Power Supply
• 2X / 3X / 4X On-Chip DC-DC Converter
• On-Chip Oscillator
• Programmable Multiplex ratio (2Mux ~ 65Mux)
• On-Chip Bias Divider
• Programmable bias ratio
• 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface and Serial Peripheral Interface
• On-Chip 132 X 65 Graphic Display Data RAM
• Re-mapping of Row and Column Drivers
• Vertical Scrolling
• Display Offset Control
• 64 Level Internal Contrast Control
• External Contrast Control
• Programmable LCD Driving Voltage Temperature Coefficients
• Available in Gold Bump Die and TAB (Tape Automated Bonding) Package




Similar Part No. - SSD1815

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT ETC1-SSD1815BT Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT2 ETC1-SSD1815BT2 Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BZ ETC1-SSD1815BZ Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
More results


Similar Description - SSD1815

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BZX84C2V4LT1 LRC-BZX84C2V4LT1 Datasheet
171Kb / 5P
SEMICONDUCTOR(TECHNICAL DATA)
logo
KEC(Korea Electronics)
SMFZ4.3V-36V KEC-SMFZ4.3V-36V Datasheet
47Kb / 2P
SEMICONDUCTOR TECHNICAL DATA
KGH15N120NDA KEC-KGH15N120NDA Datasheet
64Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120KDA KEC-KGT15N120KDA Datasheet
1Mb / 8P
SEMICONDUCTOR TECHNICAL DATA
KGT15N120NDA KEC-KGT15N120NDA Datasheet
101Kb / 6P
SEMICONDUCTOR TECHNICAL DATA
KGT25N120KDA KEC-KGT25N120KDA Datasheet
567Kb / 8P
SEMICONDUCTOR TECHNICAL DATA
logo
Motorola, Inc
MRF372 MOTOROLA-MRF372 Datasheet
528Kb / 12P
SEMICONDUCTOR TECHNICAL DATA
logo
KEC(Korea Electronics)
KIA78R015F KEC-KIA78R015F Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
KIA78R015PI KEC-KIA78R015PI Datasheet
108Kb / 10P
SEMICONDUCTOR TECHNICAL DATA
A393F KEC-A393F Datasheet
67Kb / 3P
SEMICONDUCTOR TECHNICAL DATA
Revision No : 0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com