Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1815 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # SSD1815
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD1815 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
SSD1815
10
REV 1.5
03/2000
SOLOMON
Graphic Display Data RAM (GDDRAM)
The GDDRAM is a bit mapped static RAM holding the bit pattern
to be displayed. The size of the RAM is 132 X 65= 8580 bits. Figure
5 is a description of the GDDRAM address map. For mechanical
flexibility, re-mapping on both Segment and Common outputs can be
selected by software. For vertical scrolling of display, an internal reg-
ister storing the display start line can be set to control the portion of
the RAM data to be mapped to the display. Figure 5 shows the case
in which the display start line register is set to 38h.
Page 7
Page 6
Page 5
Page 4
Page 3
Page 2
Page 1
Page 0
LSB
MSB
LSB
MSB
LSB
MSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB
LSB
MSB [D7]
LSB [D0]
38H
COM0 (COM63)
COM7 (COM56)
ICONS
COM63 (COM0)
COM8 (COM55)
SEG0
SEG131
Note: The configuration in parentheses represent the remapped values of Rows and Columns
Figure 5. Graphic Display Data RAM (GDDRAM) Address Map (with display start line at 38H)
For 132 X 64 Graphic Display Mode with separated Icon Line
Page 8 (LSB)
Column address 00H
(83H)
Column address 83H
(00H)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com