Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1815 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # SSD1815
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button SSD1815 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 21Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 22Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
SOLOMON
SSD1815
19
REV 1.5
03/2000
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to +4.0
V
VEE
0 to -12.0
V
Vin
Input Voltage
VSS-0.3 to VDD+0.3
V
I
Current Drain Per Pin Excluding VDD and
VSS
25
mA
TA
Operating Temperature
-30 to +85
°C
Tstg
Storage Temperature Range
-65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation should be restricted to the limits in the Electrical Characteristics tables or Pin Descrip-
tion section.
This device contains circuitry to protect the inputs
against damage due to high static voltages or elec-
tric fields; however, it is advised that normal precau-
tions to be taken to avoid application of any voltage
higher than maximum rated voltages to this high
impedance circuit. For proper operation it is recom-
mended that Vin and Vout be constrained to the
range VSS < or = (Vin or Vout) < or = VDD. Reliability
of operation is enhanced if unused input are con-
nected to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left
open. This device may be light sensitive. Caution
should be taken to avoid exposure of this device to
any light source during normal operation. This
device is not radiation protected.
DC CHARACTERISTICS (Unless otherwise specified, Voltage Referenced to VSS, VDD = 2.4 to 3.5V, TA = -30 to 85°C.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
Logic Circuit Supply Voltage Range
Recommend Operating Voltage
Possible Operating Voltage
2.4
1.8
2.7
-
3.5
3.5
V
V
IAC
IDP1
IDP2
ISB
ISLEEP
Access Mode Supply Current Drain (VDD Pins)
Display Mode Supply Current Drain (VDD Pins)
Display Mode Supply Current Drain (VDD Pins)
Standby Mode Supply Current Drain (VDD Pins)
Sleep Mode Supply Current Drain (VDD Pins)
VDD = 2.7V, Voltage Generator On, 4X DC-DC Con-
verter Enabled, Write accessing, Tcyc =3.3MHz, Osc.
Freq.=17kHz, Display On.
VDD = 2.7V, VEE = -8.1V, Voltage Generator Dis-
abled, R/W(WR) Halt, Osc. Freq. = 17kHz, Display
On, VL6 - VDD = -8.1V.
VDD = 2.7V, VEE = -8.1V, Voltage Generator On, 4x
DC-DC Converter Enabled, R/W(WR) Halt, Osc.
Freq. = 17kHz, Display On, VL6 - VDD = -8.1V.
VDD=2.7V, LCD Driving Waveform Off, Osc. Freq. =
17kHz, R/W(WR) halt.
VDD = 2.7V, LCD Driving Waveform Off, Oscillator
Off, R/W(WR) halt.
-
-
-
-
-
300
60
150
3.5
0.2
600
100
200
10
5
µA
µA
µA
µA
µA
VEE
VLCD
LCD Driving Voltage Generator Output (VEE Pin)
LCD Driving Voltage Input (VEE Pin)
Display On, Voltage Generator Enabled, DC/DC
Converter Enabled, Osc. Freq.=17kHz, Regulator
Enabled, Divider Enabled.
Voltage Generator Disabled.
-12.0
-12.0
-
-
-1.8
-1.8
V
V
VOH1
VOL1
VL6
VL6
Logic High Output Voltage
Logic Low Output Voltage
LCD Driving Voltage Source (VL6 Pin)
LCD Driving Voltage Source (VL6 Pin)
Iout=100µA
Iout=100µA
Regulator Enabled (VL6 voltage depends on Int/Ext
Contrast Control)
Regulator Disable
0.9*VDD
0
VEE-0.5
-
-
-
-
Floating
VDD
0.1*VDD
VDD
-
V
V
V
V
VIH1
VIL1
Logic High Input voltage
Logic Low Input voltage
0.8*VDD
0
-
-
VDD
0.2*VDD
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com