Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1815 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # SSD1815
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button SSD1815 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
SOLOMON
SSD1815
11
REV 1.5
03/2000
LCD Driving Voltage Generator and Regulator
This module generates the LCD voltage required for display driv-
ing output. It takes a single supply input and generate necessary volt-
age levels. This block consists of:
1. 2X, 3X and 4X DC-DC voltage converter
The built-in DC-DC voltage converter is use to generate large neg-
ative LCD driving voltage with reference to VDD from the voltage
input (VSS1). For SSD1815, it is possible to produce 2X, 3X or 4X
boosting from the protential different between VSS1 - VDD.
Detail configurations of the DC-DC converter for different boosting
multiples are given in Figure 6 at the right.
2. Voltage Regulator (Voltages referenced to VDD)
The feedback gain control for LCD driving contrast curves can be
selected by IRS pin to either internal (IRS pin = H) or external (IRS
pin = L).
For internal resistor network is enabled, there are eight setting can
be set by software.
If external control is selected, external resistors are required to be
connected between VDD and VF (R1), and between VF and VL6
(R2).
3. Contrast Control (Voltages referenced to VDD)
Software control of the 64 contrast voltage levels at each voltage
regulator feedback gain. The equation of calculating the LCD driv-
ing voltage is given as:
where
and
4. Bias Divider
Divide the regulator output to give the LCD driving voltages (VL2 -
VL5). A low power consumption circuit design in this bias divider
saves most of the display current comparing to traditional design.
5. Bias Ratio Selection circuitry
Software control of 1/7 and 1/9 bias ratio to match the characteris-
tic of LCD panel. In addition, 1/4, 1/5, 1/6 and 1/8 bias ratios are
also software selectable using the extended command for any
mux application.
6. Self adjust temperature compensation circuitry
This block provides 4 different compensation settings to satisfy
various liquid crystal temperature gradings by software control.
Default temperature coefficient (TC) setting is TC0.
)
1
)
(
(
)
1
(
6
R
V
V
R
V
V
V
Contrast
Gain
V
V
SS
DD
ref
DD
L
BE
ref
+
−
∗
+
=
∗
+
∗
=
−
β
Int. Reg.Resistor
Ratio Setting
0
1
2
3
4
5
6
7
Ext.
Resistor
Gain
-3.29
-3.76
-4.29
-4.82
-5.39
-5.76
-6.40
-6.95 -(1+R2/R1)
β
92.59 91.86 91.12 90.40 89.67 89.18 88.29 87.49
96.68
TC
0
(-0.01%/
°C)
2
(-0.10%/
°C)
4
(-0.18%/
°C)
7
(-0.25%/
°C)
VBE
0.025
0.523
0.520
0.517
R
0.72
0.423
0.272
0.121
SSD1815
C3N
C1P C1N
C2P C2N
VEE
Remarks:
1. C1 = 0.47 - 1.0uF
2. Boosting input from VSS1.
3. VSS1 should be lower potential than or equal to VSS
4. All voltages are referenced to VDD
VSS1
+
C1
C1
+
SSD1815
C3N
C1P C1N
C2P C2N
VEE
VSS1
+
C1
C1
+
C1
+
SSD1815
C3N
C1P C1N
C2P C2N
VEE
VSS1
+
C1
C1
+
C1
+
C1
+
2X Boosting Configuration
3X Boosting Configuration
4X Boosting Configuration
Figure 6 - Configurations for DC-DC Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com