Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1815 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SSD1815
Description  SEMICONDUCTOR TECHNICAL DATA
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1815 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SSD1815 Datasheet HTML 3Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1815 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
SOLOMON
SSD1815
7
REV 1.5
03/2000
VF
This pin is the input of the built-in voltage regulator. When exter-
nal resistor network is selected to generate the LCD driving level,
VL6, two external resistors, R1 and R2, are connected between VDD
and VF, and VF and VL6, respectively (see application circuit).
M/S
This pin is the master/slave mode selection input. When this pin
is pulled high, master mode is selected, which CL, M, MSTAT and
DOF signals will be output for slave devices. When this pin is
pulled low, slave mode is selected, which CL, M, DOF are required
to be input from master device and MSTAT is high impedance.
CLS
This pin is the internal clock enable pin. When this pin is pulled
high, internal clock is enabled. The internal clock will be disabled
when it is pulled low, an external clock source should be input to
CL pin.
C68/80
This pin is microprocessor interface selection input. When the
pin is pulled high, 6800 series interface is selected and when the
pin is pulled low, 8080 series MCU interface is selected.
P/S
This pin is serial/parallel interface selection input. When this pin
is pulled high, parallel mode is selected. When it is pulled low,
serial interface will be selected. Read back operation is only avail-
able in parallel mode.
HPM
This pin is the control input of High Power Current Mode. The
function of this pin is only enabled for High Power model which
required special ordering.
For normal models, High Power Mode is disabled and the LCD
driving characteristics are the same no matter this pin is pulled
High or Low.
Note: This pin must be pulled to either High or Low. Leaving this
pin floating is prohibited.
IRS
This is the input pin to enable the internal resistors network for
the voltage regulator. When this pin is pulled high the internal resis-
tors will be enalbed, and when it is low, the external resistors, R1
and R2, should be connected to VDD and VF, and VF and VL6,
respectively (see application circuits).
ROW0 - ROW63
These pins provide the row driving signal COM0 - COM63 to the
LCD panel. See Table.1 about the COM signal mapping in different
multiplex ratio N.
SEG0 - SEG131
These pins provide the LCD column driving signals. Their output
voltage level is VDD during sleep mode and standby mode.
ICONS
There are two ICONS pins (pin12 and 136) on the chip. Both
pins output exactly the same signal. The reason for duplicating the
pin is to enhance the flexibility of the LCD layout.
NC
These are the No Connection pins. Nothing should be con-
nected to these pins, nor they are connected together. These pins
should be left open individually.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com