Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSD1812 Datasheet (PDF) - List of Unclassifed Manufacturers

SSD1812 Datasheet PDF - List of Unclassifed Manufacturers
Part # SSD1812
Download  SSD1812 Download
File Size   434.29 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller CMOS

SSD1812 Datasheet (PDF)

Go To PDF Page Download Datasheet
SSD1812 Datasheet PDF - List of Unclassifed Manufacturers

Part # SSD1812
Download  SSD1812 Click to download

File Size   434.29 Kbytes
Page   28 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description LCD Segment / Common Driver with Controller CMOS

SSD1812 Datasheet (HTML) - List of Unclassifed Manufacturers


SSD1812 Product details

[SOLOMON SYSTECH]

LCD Segment / Common Driver with Controller
CMOS

SSD1812 is a single-chip CMOS LCD driver with controller for liquid crystal dotmatrix graphic display system. It consists of 187 high voltage driving output pins for driving 132 Segments, 54 Commons and 1 Icon Driving-Common.
SSD1812 displays data directly from its internal 132 X 65 bits Graphic Display Data RAM (GDDRAM). Data/Commands are sent from general MCU through a software selectable 6800-/8080-series compatible Parallel Interface or Serial Peripheral Interface.
SSD1812 embeds a DC-DC Converter, an On-Chip Bias Divider and an On-Chip Oscillator which reduce the number of external components. With the special design on minimizing power consumption and die/package layout, SSD1812 is suitable for any portable battery-driven applications requiring a long operation period and a compact size.

• Single Supply Operation, 1.8 V - 3.5V
• Minimum -12.0V LCD Driving Output Voltage
• Low Current Sleep Mode
• On-Chip Voltage Generator / External Power Supply
• 2X / 3X / 4X On-Chip DC-DC Converter
• On-Chip Oscillator
• Programmable Multiplex ratio [1Mux - 55Mux]
• On-Chip Smart Bias Divider
• Programmable 1/4, 1/5, 1/6, 1/7, 1/8 and 1/9 bias ratio
• 8-bit 6800-series Parallel Interface, 8-bit 8080-series Parallel Interface and Serial Peripheral Interface
• On-Chip 132 x 65 Graphic Display Data RAM
• Re-mapping of Row and Column Drivers
• Vertical Scrolling
• Display Offset Control
• RAM Page Blinking
• 64 Level Internal Contrast Control
• External Contrast Control
• Selectable LCD Driving Voltage Temperature Coefficients (8 settings)
• Available in Gold Bump Die and Standard TAB (Tape Automated Bonding) Package




Similar Part No. - SSD1812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1815 ETC-SSD1815 Datasheet
856Kb / 35P
SEMICONDUCTOR TECHNICAL DATA
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT ETC1-SSD1815BT Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BT2 ETC1-SSD1815BT2 Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
SSD1815BZ ETC1-SSD1815BZ Datasheet
361Kb / 36P
LCD Segment / Common Driver with Controller
More results


Similar Description - SSD1812

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SSD1828 ETC-SSD1828 Datasheet
434Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1850 ETC-SSD1850 Datasheet
793Kb / 56P
CMOS LCD Segment / Common Driver with Controller
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
LCD Segment / Common Driver With Controller CMOS
SSD1854 ETC-SSD1854 Datasheet
771Kb / 48P
LCD Segment / Common Driver with Controller CMOS
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
LCD Segment / Common Driver with Controller
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1820A ETC1-SSD1820A Datasheet
518Kb / 43P
LCD Segment / Common Driver with Controller CMOS
SSD1858 ETC1-SSD1858 Datasheet
371Kb / 50P
LCD Segment / Common Driver with Controller CMOS
logo
Motorola, Inc
MC141803 MOTOROLA-MC141803 Datasheet
299Kb / 24P
LCD Segment / Common Driver with Controller CMOS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com