Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCA8103 Datasheet (PDF) - Toshiba Semiconductor

TPCA8103 Datasheet PDF - Toshiba Semiconductor
Part # TPCA8103
Download  TPCA8103 Download
File Size   254.55 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)

TPCA8103 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCA8103 Datasheet PDF - Toshiba Semiconductor

Part # TPCA8103
Download  TPCA8103 Click to download

File Size   254.55 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)

TPCA8103 Datasheet (HTML) - Toshiba Semiconductor


TPCA8103 Product details

Notebook PC Applications
Portable Equipment Applications

• Small footprint due to a small and thin package
• Low drain-source ON-resistance:
                                   RDS (ON) = 9.4 mΩ (typ.) (VGS = −10 V)
• Low leakage current: IDSS = -10 μA (max) (VDS = -30 V)
• Enhancement mode: Vth = -0.8 to -2.0 V (VDS = -10 V, ID = -1.0 mA)




Similar Part No. - TPCA8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCA8103 TOSHIBA-TPCA8103 Datasheet
288Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
logo
VBsemi Electronics Co.,...
TPCA8103 VBSEMI-TPCA8103 Datasheet
1Mb / 8P
P-Channel 30-V (D-S) MOSFET
logo
Toshiba Semiconductor
TPCA8103 TOSHIBA-TPCA8103_06 Datasheet
288Kb / 7P
Lithium Ion Battery Applications Notebook PC Applications Portable Equipment Applications
More results


Similar Description - TPCA8103

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
TPC6108 TOSHIBA-TPC6108 Datasheet
62Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
TPCF8104 TOSHIBA-TPCF8104 Datasheet
75Kb / 3P
TOSHIBA FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOS4)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com