Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPCF8104 Datasheet (PDF) - Toshiba Semiconductor

TPCF8104 Datasheet PDF - Toshiba Semiconductor
Part # TPCF8104
Download  TPCF8104 Download
File Size   75.21 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOS4)

TPCF8104 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPCF8104 Datasheet PDF - Toshiba Semiconductor

Part # TPCF8104
Download  TPCF8104 Click to download

File Size   75.21 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description TOSHIBA FIELD EFFECT TRANSISTOR SILICON P CHANNEL MOS TYPE(U-MOS4)

TPCF8104 Datasheet (HTML) - Toshiba Semiconductor


TPCF8104 Product details

Notebook PC Applications
Portable Equipment Applications

• Low drain-source ON resistance: RDS (ON) = 21 mΩ (typ.)
• High forward transfer admittance: |Yfs| = 9.6 S (typ.)
• Low leakage current: IDSS = −10 μA (max) (VDS = −30 V)
• Enhancement mode: Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1mA)




Similar Part No. - TPCF8104

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPCF8104 TOSHIBA-TPCF8104 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
More results


Similar Description - TPCF8104

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3761 TOSHIBA-2SK3761 Datasheet
89Kb / 6P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (PIE-MOS4)
TPC6108 TOSHIBA-TPC6108 Datasheet
62Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
TPCA8103 TOSHIBA-TPCA8103 Datasheet
254Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS4)
TPCF8104 TOSHIBA-TPCF8104_07 Datasheet
228Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8102 TOSHIBA-TPCP8102 Datasheet
238Kb / 7P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS ??
TPCP8301 TOSHIBA-TPCP8301 Datasheet
294Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
TPCP8302 TOSHIBA-TPCP8302 Datasheet
233Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOS??
SSM3J133TU TOSHIBA-SSM3J133TU Datasheet
193Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J134TU TOSHIBA-SSM3J134TU Datasheet
209Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J135TU TOSHIBA-SSM3J135TU Datasheet
196Kb / 6P
TOSHIBA Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com