Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54HC138 Datasheet (PDF) - Motorola, Inc

54HC138 Datasheet PDF - Motorola, Inc
Part # 54HC138
Download  54HC138 Download
File Size   164.07 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3-to-8 Line Decoder

54HC138 Datasheet (PDF)

Go To PDF Page Download Datasheet
54HC138 Datasheet PDF - Motorola, Inc

Part # 54HC138
Download  54HC138 Click to download

File Size   164.07 Kbytes
Page   7 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 3-to-8 Line Decoder

54HC138 Datasheet (HTML) - Motorola, Inc


54HC138 Product details

3-to-8 Line Decoder



The MC74VHC138 is an advanced high speed CMOS 3–to–8 decoder fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power dissipation.



• High Speed: tPD= 5.7ns (Typ) at VCC= 5V

• Low Power Dissipation: ICC= 4µA (Max) at TA= 25°C

• High Noise Immunity: VNIH= VNIL= 28% VCC

• Power Down Protection Provided on Inputs

• Balanced Propagation Delays

• Designed for 2V to 5.5V Operating Range

• Low Noise: VOLP= 0.8 V (Max)

• Pin and Function Compatible with Other Standard Logic Families

• Latchup Performance Exceeds 300mA

• ESD Performance: HBM > 2000V; Machine Model > 200V

• Chip Complexity: 122 FETs or 30.5 Equivalent Gates




Similar Part No. - 54HC138

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54HC138 SS-54HC138 Datasheet
674Kb / 6P
High Speed CMOS Logic
54HC138 SS-54HC138 Datasheet
452Kb / 6P
High Speed CMOS Logic
54HC138 SS-54HC138 Datasheet
307Kb / 6P
High Speed CMOS Logic
Rev 1.0 23/11/17
54HC138 SS-54HC138_V01 Datasheet
307Kb / 6P
High Speed CMOS Logic
Rev 1.0 23/11/17
More results


Similar Description - 54HC138

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74VHC238 STMICROELECTRONICS-74VHC238 Datasheet
64Kb / 8P
3 TO 8 LINE DECODER
Jun-1999
74VHCT238A STMICROELECTRONICS-74VHCT238A Datasheet
63Kb / 8P
3 TO 8 LINE DECODER
Mar-2000
logo
Toshiba Semiconductor
TC74VHC238F TOSHIBA-TC74VHC238F Datasheet
234Kb / 6P
3-TO-8 LINE DECODER
TC74VHCT138AF TOSHIBA-TC74VHCT138AF Datasheet
240Kb / 7P
3-TO-8 LINE DECODER
TC7MH238FK TOSHIBA-TC7MH238FK Datasheet
204Kb / 5P
3-TO-8 LINE DECODER
logo
Fairchild Semiconductor
MM74HC138 FAIRCHILD-MM74HC138 Datasheet
73Kb / 7P
3-to-8 Line Decoder
logo
Toshiba Semiconductor
TC74HC138AP TOSHIBA-TC74HC138AP_07 Datasheet
336Kb / 9P
3-to-8 Line Decoder
TC7MH238FK TOSHIBA-TC7MH238FK_07 Datasheet
190Kb / 7P
3-to-8 Line Decoder
TC74HCT138AF TOSHIBA-TC74HCT138AF_12 Datasheet
236Kb / 7P
3-to-8 Line Decoder
74VHC138FT TOSHIBA-74VHC138FT Datasheet
208Kb / 9P
3-to-8 Line Decoder
2016-08-18
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com