Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61504 Datasheet (PDF) - Mitsubishi Electric Semiconductor

M61504 Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M61504
Download  M61504 Download
File Size   195.74 Kbytes
Page   17 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIGITAL SOUND CONTROLLER WITH SURROUND

M61504 Datasheet (PDF)

Go To PDF Page Download Datasheet
M61504 Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M61504
Download  M61504 Click to download

File Size   195.74 Kbytes
Page   17 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description DIGITAL SOUND CONTROLLER WITH SURROUND

M61504 Datasheet (HTML) - Mitsubishi Electric Semiconductor


M61504 Product details

DESCRIPTION

The M61504FP is an optimum digital sound controller IC for home audio.

It has a 4ch input selector, input volume, surround (3 variation), tone control (3 band), loudness, Vocal cut and 2ch master volume.

It can control all of these function with serial data



FEATURES

• Built-in 4ch input selector.

• Built-in input volume (2dB step/3 bit)

• IC for Dolby-pro-logic Interface.

• Built-in Surround (ON/OFF,High/Middle/Low <3 variation>)

• Tone control (Bass/Mid/Treble)

• Built-in Loudness.

• Vocal cut (Surround OFF setting only)

• Main Volume (36 step 0 to -80dB,- ¥)

• Microcomputer Interface.



RECOMMENDED OPERATING CONDITIONS

  Supply voltage range ....Vcc= 4.5~5.5 Rated supply voltage.....Vcc=5V



 




Similar Part No. - M61504

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
DIGTAL SOUND CONTROLLER WIHT SURROUND
More results


Similar Description - M61504

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62436FP MITSUBISHI-M62436FP Datasheet
136Kb / 10P
SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62437FP MITSUBISHI-M62437FP Datasheet
220Kb / 12P
SOUND CONTROLLER WITH SRS FOCUS & SRS SURROUND
M62492FP MITSUBISHI-M62492FP Datasheet
440Kb / 23P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498FP MITSUBISHI-M62498FP Datasheet
191Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
M62498AFP MITSUBISHI-M62498AFP Datasheet
272Kb / 17P
DIGITAL SOUND CONTROLLER WITH SURROUND
logo
Renesas Technology Corp
R2S15903SP RENESAS-R2S15903SP Datasheet
303Kb / 12P
Sound Controller with Surround and AGC
M62437FP RENESAS-M62437FP Datasheet
166Kb / 12P
Sound Controller With SRS Focus & SRS Surround
M61504FP RENESAS-M61504FP Datasheet
6Mb / 18P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M61510FP RENESAS-M61510FP Datasheet
7Mb / 19P
DIGTAL SOUND CONTROLLER WIHT SURROUND
M62436FP RENESAS-M62436FP Datasheet
155Kb / 12P
SRS Sound Controller with SRS FOCUS, SRS Surround Sound On-Chip Sound Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com