Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61504 Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M61504
Description  DIGITAL SOUND CONTROLLER WITH SURROUND
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61504 Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M61504 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
ELECTRIC
MITSUBISHI
M61504FP
(
/
)
17
MITSUBISHI SOUND PROCESSORS
DIGITAL SOUND CONTROLLER WITH SURROUND
5
CLOCK
DATA
D0
D1
D2
D3
DD
DE
DF
RECOMMENDED OPERATING CONDITION
Parameter
Symbol
Conditions
MIN
TYP
MAX
Units
Logic"H"level input
voltage
VCC
GND
V
V
V
VIH
VIL
(Ta=25°C,unless otherwise noted)
VCC
5.5
4.5
5.0
2.4
0.7
GND
reference
Supply voltage
Logic"L"level input
voltage
GND
reference
RELATIONSHIP BETWEEN DATA AND CLOCK
Data signal is read at the rising
edge of clock.
Signal is latched at the rising
edge of the latch signal.
Latch signal: H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com