Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M61504 Datasheet(PDF) 13 Page - Mitsubishi Electric Semiconductor

Part # M61504
Description  DIGITAL SOUND CONTROLLER WITH SURROUND
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M61504 Datasheet(HTML) 13 Page - Mitsubishi Electric Semiconductor

Back Button M61504 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 13Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 14Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 15Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 16Page - Mitsubishi Electric Semiconductor M61504 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
ELECTRIC
MITSUBISHI
M61504FP
(
/
)
17
MITSUBISHI SOUND PROCESSORS
DIGITAL SOUND CONTROLLER WITH SURROUND
13
3-3 Treble (Boost)
3-4 Treble (Cut)
Gv = 20log
R1+R2
R1
(dB)
IN
OUT
R1
R2
C1
Gv = 20log
R1+R2
R1
(dB)
IN
OUT
R1
R2
C1
0dB
+8dB
100
1k
10k
Frequency f(Hz)
<Curve of characteristics>
Bass
Mid
Treble
setting
+8dB
-8dB
setting
-8dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com