Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA7126D Datasheet (PDF) - Leshan Radio Company

LA7126D Datasheet PDF - Leshan Radio Company
Part # LA7126D
Download  LA7126D Download
File Size   580.4 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Ultra-low noise figure(NF)=0.65dB; High power gain=18.0dB;

LA7126D Datasheet (PDF)

Go To PDF Page Download Datasheet
LA7126D Datasheet PDF - Leshan Radio Company

Part # LA7126D
Download  LA7126D Click to download

File Size   580.4 Kbytes
Page   7 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Ultra-low noise figure(NF)=0.65dB; High power gain=18.0dB;

LA7126D Datasheet (HTML) - Leshan Radio Company




Similar Part No. - LA7126D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA71206M SANYO-LA71206M Datasheet
359Kb / 2P
LA71206M
logo
List of Unclassifed Man...
LA71207M ETC-LA71207M Datasheet
359Kb / 2P
LA71207M
logo
Leshan Radio Company
LA7129S LRC-LA7129S Datasheet
770Kb / 7P
Ultra low noise figure(NF)=1.0dB; High power gain=32.0dB;
More results


Similar Description - LA7126D

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX2667 MAXIM-MAX2667 Datasheet
869Kb / 8P
GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 0; 9/10
MAX2667 MAXIM-MAX2667_12 Datasheet
1Mb / 9P
GPS/GNSS Ultra-Low-Noise-Figure LNAs
Rev 1; 9/12
logo
Inchange Semiconductor ...
2SC5463 ISC-2SC5463 Datasheet
144Kb / 3P
Low Noise Figure
BFS540 ISC-BFS540 Datasheet
253Kb / 7P
Low Noise Figure
BFG193 ISC-BFG193 Datasheet
185Kb / 5P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
MGA-622P8 AVAGO-MGA-622P8 Datasheet
2Mb / 18P
Low noise figure
logo
RFHIC
ACQ624 RFHIC-ACQ624 Datasheet
1Mb / 6P
Low Noise Figure
logo
AVAGO TECHNOLOGIES LIMI...
ALM-1522 AVAGO-ALM-1522 Datasheet
1Mb / 12P
Low noise figure
logo
Leshan Radio Company
LA7129S LRC-LA7129S Datasheet
770Kb / 7P
Ultra low noise figure(NF)=1.0dB; High power gain=32.0dB;
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com