Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

29F0408 Datasheet (PDF) - Maxwell Technologies

29F0408 Datasheet PDF - Maxwell Technologies
Part # 29F0408
Download  29F0408 Download
File Size   941.78 Kbytes
Page   33 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 32 Megabit (4M x 8-Bit) Flash Memory

29F0408 Datasheet (PDF)

Go To PDF Page Download Datasheet
29F0408 Datasheet PDF - Maxwell Technologies

Part # 29F0408
Download  29F0408 Click to download

File Size   941.78 Kbytes
Page   33 Pages
Manufacturer  MAXWELL [Maxwell Technologies]
Direct Link  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies
Description 32 Megabit (4M x 8-Bit) Flash Memory

29F0408 Datasheet (HTML) - Maxwell Technologies


29F0408 Product details

DESCRIPTION:
Maxwell Technologies’ 29F0408 high-performance flash memory. The 29F0408 is a 4M (4,194,304) x 8-bit NAND Flash Memory with a spare 128K (131,072) x 8-bit.
   
FEATURES:
• Single 5.0 V supply
• Excellent Single Event Effect
    · - SEL
        TH: > 60 MeV/mg/cm2
    · - SEU
        TH: = 37 MeV/mg/cm2
    - SEU saturated cross section: 2E-6 cm2/bit
• Organization:
    - Memory cell array: (4M + 128k) bit x 8bit
    - Data register: (512 + 16) bit x 8bit
• Automatic program and erase
    - Page program: (512 + 16) Byte
    - Block erase: (8K + 256) Byte
    - Status register
• 528-Byte page read operation
    - Random access: 10 µ s (max)
    - Serial page access: 50 ns (min)
• Fast write cycle time
    - Program time: 250 µ s (typ)
    - Block erase time: 2 ms (typ)
• Command/address/data multiplexed I/O port
• Hardware data protection
    - Program/erase lockout during power transitions
• Reliable CMOS floating-gate technology
    - Endurance: 1,000,000 program/erase cycles
    - Data retention: 10 years
• Command register operation
• 44 pin flat package
   




Similar Part No. - 29F0408

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
29F040 STMICROELECTRONICS-29F040 Datasheet
232Kb / 31P
4 Mbit 512Kb x8, Uniform Block Single Supply Flash Memory
Nov-1999
logo
Advanced Micro Devices
29F040 AMD-29F040 Datasheet
394Kb / 30P
4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
logo
Macronix International
29F040-12 MCNIX-29F040-12 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-55 MCNIX-29F040-55 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
29F040-70 MCNIX-29F040-70 Datasheet
592Kb / 40P
4M-BIT [512KX8] CMOS EQUAL SECTOR FLASH MEMORY
More results


Similar Description - 29F0408

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K9F3208W0A- SAMSUNG-K9F3208W0A- Datasheet
558Kb / 27P
4M x 8 Bit NAND Flash Memory
logo
ATMEL Corporation
AT49BV322A ATMEL-AT49BV322A Datasheet
217Kb / 31P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49SV322A ATMEL-AT49SV322A Datasheet
224Kb / 31P
32-megabit (2M x 16/4M x 8) 1.8-volt Only Flash Memory
AT49BV320 ATMEL-AT49BV320 Datasheet
822Kb / 30P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV3218 ATMEL-AT49BV3218 Datasheet
223Kb / 25P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
AT49BV322D ATMEL-AT49BV322D Datasheet
492Kb / 33P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
logo
SPANSION
MBM29F040C SPANSION-MBM29F040C Datasheet
421Kb / 41P
FLASH MEMORY 4M (512K x 8) BIT
logo
ATMEL Corporation
AT49BV320A ATMEL-AT49BV320A Datasheet
267Kb / 31P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN29P640T-70TI EON-EN29P640T-70TI Datasheet
569Kb / 55P
64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV322A-70TU ATMEL-AT49BV322A-70TU Datasheet
518Kb / 32P
32-megabit (2M x 16/4M x 8) 3-volt Only Flash Memory
More results




About Maxwell Technologies


Maxwell Technologies, Inc. was an American company that specialized in the design and manufacture of energy storage and power delivery solutions.

The company was founded in 1965 and had its headquarters in San Diego, California.

Maxwell Technologies offered a wide range of products including ultracapacitors, high-voltage capacitors, and microelectronic components.

These products were used in a variety of applications, including transportation, renewable energy systems, and industrial equipment.

In 2019, Maxwell Technologies was acquired by Tesla, Inc., and its products are now part of Tesla's energy storage and power delivery solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com