Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE5850 Datasheet (PDF) - ON Semiconductor

MJE5850 Datasheet PDF - ON Semiconductor
Part # MJE5850
Download  MJE5850 Download
File Size   302.54 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PNP SILICON POWER TRANSISTORS

MJE5850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE5850 Datasheet PDF - ON Semiconductor

Part # MJE5850
Download  MJE5850 Click to download

File Size   302.54 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description PNP SILICON POWER TRANSISTORS

MJE5850 Datasheet (HTML) - ON Semiconductor


MJE5850 Product details

The MJE5850, MJE5851 and the MJE5852 transistors are designed for high−voltage, high−speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated SWITCHMODE applications.
   
Features
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits
• Fast Turn−Off Times
    ♦ 100 ns Inductive Fall Time @ 25°C (Typ)
    ♦ 125 ns Inductive Crossover Time @ 25°C (Typ)
• Operating Temperature Range −65 to +150°C
• 100°C Performance Specified for:
    ♦ Reversed Biased SOA with Inductive Loads
    ♦ Switching Times with Inductive Loads
    ♦ Saturation Voltages
    ♦ Leakage Currents
• Pb−Free Packages are Available*
   




Similar Part No. - MJE5850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5850 NJSEMI-MJE5850 Datasheet
114Kb / 3P
SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results


Similar Description - MJE5850

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
BD244 BOURNS-BD244 Datasheet
106Kb / 5P
PNP SILICON POWER TRANSISTORS
BD544 BOURNS-BD544 Datasheet
103Kb / 5P
PNP SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2SA1659 ETC-2SA1659 Datasheet
48Kb / 3P
Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2SA1129 ISC-2SA1129 Datasheet
95Kb / 3P
Silicon PNP Power Transistors
2SA1067 ISC-2SA1067 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA1094 ISC-2SA1094 Datasheet
181Kb / 3P
Silicon PNP Power Transistors
2SA636 ISC-2SA636 Datasheet
149Kb / 3P
Silicon PNP Power Transistors
2SA1859 ISC-2SA1859 Datasheet
146Kb / 4P
Silicon PNP Power Transistors
2SA648 ISC-2SA648 Datasheet
152Kb / 3P
Silicon PNP Power Transistors
2SA971 ISC-2SA971 Datasheet
155Kb / 3P
Silicon PNP Power Transistors
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com