Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE5850 Datasheet (PDF) - New Jersey Semi-Conductor Products, Inc.

MJE5850 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.
Part # MJE5850
Download  MJE5850 Download
File Size   114.2 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE Series PNP Silicon Power Transistors

MJE5850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE5850 Datasheet PDF - New Jersey Semi-Conductor Products, Inc.

Part # MJE5850
Download  MJE5850 Click to download

File Size   114.2 Kbytes
Page   3 Pages
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.
Description SWITCHMODE Series PNP Silicon Power Transistors

MJE5850 Datasheet (HTML) - New Jersey Semi-Conductor Products, Inc.


MJE5850 Product details

The MJE5850, MJE5851 and the MJE5852 transistors are designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switchmode applications such as:
   
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits

Fast Turn–Off Times
    100 ns Inductive Fall Time @ 25°C (Typ)
    125 ns Inductive Crossover Time @ 25°C (Typ)
Operating Temperature Range –65 to +150°C
100°C Performance Specified for:
    Reversed Biased SOA with Inductive Loads
    Switching Times with Inductive Loads
    Saturation Voltages




Similar Part No. - MJE5850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5850 MOTOROLA-MJE5850 Datasheet
302Kb / 8P
8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
302Kb / 8P
PNP SILICON POWER TRANSISTORS
1995
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results


Similar Description - MJE5850

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N6546 BOCA-2N6546 Datasheet
217Kb / 4P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
2N6547 ONSEMI-2N6547 Datasheet
77Kb / 8P
SWITCHMODE Series NPN Silicon Power Transistors
April, 2001 ??Rev. 6
logo
Tiger Electronic Co.,Lt...
MJE13003 TGS-MJE13003 Datasheet
84Kb / 1P
SWITCHMODE Series NPN Silicon Power Transistors
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K Datasheet
445Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJE13009-P UTC-MJE13009-P Datasheet
430Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
MJ16010 NJSEMI-MJ16010 Datasheet
1Mb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE16002 NJSEMI-MJE16002 Datasheet
126Kb / 3P
SWITCHMODE Series NPN Silicon Power Transistors
MJE8502 NJSEMI-MJE8502 Datasheet
92Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
MJ8504 NJSEMI-MJ8504 Datasheet
95Kb / 2P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
logo
Unisonic Technologies
MJE13009-K UTC-MJE13009-K_15 Datasheet
440Kb / 9P
SWITCHMODE SERIES NPN SILICON POWER TRANSISTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com