Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJE5850 Datasheet (PDF) - Motorola, Inc

MJE5850 Datasheet PDF - Motorola, Inc
Part # MJE5850
Download  MJE5850 Download
File Size   302.54 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS

MJE5850 Datasheet (PDF)

Go To PDF Page Download Datasheet
MJE5850 Datasheet PDF - Motorola, Inc

Part # MJE5850
Download  MJE5850 Click to download

File Size   302.54 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS

MJE5850 Datasheet (HTML) - Motorola, Inc


MJE5850 Product details

The MJE5850, MJE5851 and the MJE5852 transistors are designed for high–voltage, high–speed, power switching in inductive circuits where fall time is critical. They are particularly suited for line operated switchmode applications such as:
   
• Switching Regulators
• Inverters
• Solenoid and Relay Drivers
• Motor Controls
• Deflection Circuits

Fast Turn–Off Times
    100 ns Inductive Fall Time @ 25°C (Typ)
    125 ns Inductive Crossover Time @ 25°C (Typ)
Operating Temperature Range –65 to +150°C
100°C Performance Specified for:
    Reversed Biased SOA with Inductive Loads
    Switching Times with Inductive Loads
    Saturation Voltages




Similar Part No. - MJE5850

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
302Kb / 8P
PNP SILICON POWER TRANSISTORS
1995
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5850 NJSEMI-MJE5850 Datasheet
114Kb / 3P
SWITCHMODE Series PNP Silicon Power Transistors
logo
ON Semiconductor
MJE5850 ONSEMI-MJE5850 Datasheet
104Kb / 8P
Switch-mode Series PNP Silicon Power Transistors
January, 2015 ??Rev. 7
MJE5850G ONSEMI-MJE5850G Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results


Similar Description - MJE5850

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10022 MOTOROLA-MJ10022 Datasheet
300Kb / 8P
40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
MJD340 MOTOROLA-MJD340 Datasheet
194Kb / 4P
SILICON POWER TRANSISTORS 0.5 AMPERE 300 VOLTS 15 WATTS
MJE13002 MOTOROLA-MJE13002 Datasheet
304Kb / 8P
1.5 AMPERE NPN SILICON POWER TRANSISTORS 300 AND 400 VOLTS 40 WATTS
MJE2360T MOTOROLA-MJE2360T Datasheet
98Kb / 4P
0.5 AMPERE POWER TRANSISTORS NPN SILICON 350 VOLTS 30 WATTS
MJE350 MOTOROLA-MJE350 Datasheet
124Kb / 4P
0.5 AMPERE POWER TRANSISTOR PNP SILICON 300 VOLTS 20 WATTS
MJE5730 MOTOROLA-MJE5730 Datasheet
190Kb / 6P
1.0 AMPERE POWER TRANSISTORS PNP SILICON 300-350-400 VOLTS 40 WATTS
MJE5740 MOTOROLA-MJE5740 Datasheet
216Kb / 6P
POWER DARLINGTON TRANSISTORS 8 AMPERES 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
BDX53B ONSEMI-BDX53B Datasheet
169Kb / 6P
DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 80-100 VOLTS 65 WATTS
1995 REV 7
MJE5740 ONSEMI-MJE5740_06 Datasheet
87Kb / 6P
NPN Silicon Power Darlington Transistors 8 AMPERES 300??00 VOLTS 80 WATTS
February, 2006 ??Rev. 6
MJE5850 ONSEMI-MJE5850_06 Datasheet
104Kb / 8P
8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com