Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS7C513B-12TCN Datasheet (PDF) - Alliance Semiconductor Corporation

AS7C513B-12TCN Datasheet PDF - Alliance Semiconductor Corporation
Part # AS7C513B-12TCN
Download  AS7C513B-12TCN Download
File Size   213.74 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 32K x 16 CMOS SRAM

AS7C513B-12TCN Datasheet (PDF)

Go To PDF Page Download Datasheet
AS7C513B-12TCN Datasheet PDF - Alliance Semiconductor Corporation

Part # AS7C513B-12TCN
Download  AS7C513B-12TCN Click to download

File Size   213.74 Kbytes
Page   9 Pages
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation
Description 5V 32K x 16 CMOS SRAM

AS7C513B-12TCN Datasheet (HTML) - Alliance Semiconductor Corporation


AS7C513B-12TCN Product details

Functional description
The AS7C513B is a high performance CMOS 524,288-bit Static Random Access Memory (SRAM) device organized as 32,768 words × 16 bits. They are designed for memory applications where fast data access, low power, and simple interfacing are desired.

Features
• Industrial and commercial temperature
• Organization: 32,768 words × 16 bits
• Center power and ground pins
• High speed
• 10/12/15/20 ns address access time
• 5, 6, 7, 8 ns output enable access time
• Low power consumption: ACTIVE
• 605mW / max @ 10 ns
• Low power consumption: STANDBY
• 55 mW / max CMOS I/O
• 6T 0.18u CMOS Technology
• Easy memory expansion with CE, OE inputs
• TTL-compatible, three-state I/O
• 44-pin JEDEC standard package
• 400 mil SOJ
• 400 mil TSOP 2
• ESD protection ≥ 2000 volts
• Latch-up current ≥ 200 mA




Similar Part No. - AS7C513B-12TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C513 ALSC-AS7C513 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12 ALSC-AS7C513-12 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12JC ALSC-AS7C513-12JC Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-12TC ALSC-AS7C513-12TC Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
AS7C513-15 ALSC-AS7C513-15 Datasheet
198Kb / 10P
5V/3.3V 32Kx6 CMOS SRAM
More results


Similar Description - AS7C513B-12TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS7C34098 ALSC-AS7C34098 Datasheet
235Kb / 10P
5V/3.3V 256K x 16 CMOS SRAM
AS7C256A ALSC-AS7C256A Datasheet
248Kb / 9P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C3513 ALSC-AS7C3513 Datasheet
187Kb / 8P
5V/3.3V 32K x 6 CMOS SRAM
AS7C3513B ALSC-AS7C3513B Datasheet
217Kb / 10P
3.3V 32K x 16 CMOS SRAM
logo
STMicroelectronics
M48T36 STMICROELECTRONICS-M48T36 Datasheet
138Kb / 17P
CMOS 32K x 8 TIMEKEEPER SRAM
Jul-1995
logo
Alliance Semiconductor ...
AS7C1026A ALSC-AS7C1026A Datasheet
151Kb / 9P
5V/3.3V 64K X 16 CMOS SRAM
logo
AMIC Technology
A625308 AMICC-A625308 Datasheet
126Kb / 13P
32K X 8 BIT CMOS SRAM
logo
Alliance Semiconductor ...
AS7C256B ALSC-AS7C256B Datasheet
134Kb / 8P
5V 32K X 8 CMOS SRAM (Common I/O)
AS7C513C ALSC-AS7C513C Datasheet
136Kb / 9P
5 V 32K X 16 CMOS SRAM
AS7C3513C ALSC-AS7C3513C Datasheet
135Kb / 9P
3.3 V 32K X 16 CMOS SRAM
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com