Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L24 Datasheet (PDF) - Cirrus Logic

CS47L24 Datasheet PDF - Cirrus Logic
Part # CS47L24
Download  CS47L24 Download
File Size   4500.96 Kbytes
Page   256 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power Audio Hub for Wearable Technology

CS47L24 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS47L24 Datasheet PDF - Cirrus Logic

Part # CS47L24
Download  CS47L24 Click to download

File Size   4500.96 Kbytes
Page   256 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low Power Audio Hub for Wearable Technology

CS47L24 Datasheet (HTML) - Cirrus Logic


CS47L24 Product details

Description
The CS47L24 is a highly integrated, low-power audio hub for wearable technology and other portable audio devices. It
combines an advanced DSP feature set with a flexible, high-performance audio hub codec.
The CS47L24 digital core combines a dual-core, 300MMAC DSP system, with a variety of power-efficient fixed-function
audio-processing blocks. These are supported by a fully flexible, all-digital mixing and routing engine with sample rate
converters for wide use-case flexibility. The programmable DSP cores support a range of advanced audio processing
features, including multimic noise suppression, acoustic-echo cancellation (AEC), and voice recognition functions. The
Enhanced DRE (eDRE) software is included with the CS47L24; additional software packages can be chosen according
to the requirements of the target application.
Three digital audio interfaces are provided, each supporting a wide range of standard audio sample rates and serial
interface formats. Automatic sample-rate detection enables seamless wideband/narrowband voice-call handover.
The headphone/line output driver provides stereo ground-referenced or mono BTL output. 121dB SNR, and noise levels
as low as 0.8 μVRMS, offer hi-fi quality line or headphone output. A mono Class D output driver is incorporated;
supporting up to 2-W audio output. A signal generator for controlling haptics devices is included; vibe actuators can
connect directly to the Class D speaker output or via an external driver connected to a GPIO output. All inputs, outputs,
and system interfaces can function concurrently.
The CS47L24 supports up to four digital microphone inputs. Microphone activity detection with interrupt is available.
The CS47L24 power, clocking and output driver architectures are all designed to maximize battery life in voice, music,
and standby modes. The CS47L24 is powered from 1.8- and 1.2-V external supplies. Separate MICVDD input can be
supported, for microphone operation above 1.8 V. An additional supply is required for the Class D speaker drivers
(typically direct connection to 4.2-V battery).
Two integrated FLLs provide support for a wide range of system clock frequencies. The CS47L24 is configured using an
SPI™ control interface. The fully CS47L24 differential internal analog architecture, minimal analog signal paths, and onchip RF noise filters ensure a very high degree of noise immunity.

Features
• 300 MIPS, 300MMAC dual-core audio-signal processor
• Enhanced DRE processing (eDRE) for 121dB SNR
• Fixed function signal-processing functions
— Dynamic range control, fully parametric EQs
— Tone, noise, PWM, haptic control signal generators
• Multichannel asynchronous sample-rate conversion
• Integrated multichannel 24-bit hi-fi audio hub codec
— 121-dB SNR headphone playback (48 kHz)
• Four digital microphone inputs (two stereo interfaces)
• Stereo headphone/earpiece/line output driver
— 33 mW into 32-Ω load at 1% THD+N
• Mono 2W Class D speaker output driver
• Three full digital audio interfaces
— Standard sample rates from 8kHz up to 192kHz
— TDM support on all AIFs
• Flexible clocking, derived from MCLKn or AIFn
• Two low-power frequency-locked loops (FLLs) support
reference clocks down to 32 kHz
• Configurable functions on two GPIO pins
• Integrated regulators and charge pumps
• Small W-CSP package, 0.4-mm ball array

Applications
• Portable accessories and wearable technology
• Smartphones and multimedia handsets
• Speech-recognition applications




Similar Part No. - CS47L24

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L15-CWZR CIRRUS-CS47L15-CWZR Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L35 CIRRUS-CS47L35 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L35-CWZR CIRRUS-CS47L35-CWZR Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results


Similar Description - CS47L24

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98089 MAXIM-MAX98089_12 Datasheet
11Mb / 131P
Low-Power, Stereo Audio Codec with FlexSound Technology
Rev 1; 3/12
logo
Wolfson Microelectronic...
WM1811A WOLFSON-WM1811A Datasheet
3Mb / 328P
Multi-Channel Audio Hub CODEC for Smartphones
WM8958 WOLFSON-WM8958 Datasheet
4Mb / 377P
Multi-Channel Audio Hub CODEC for Smartphones
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
WM8994 WOLFSON-WM8994 Datasheet
3Mb / 359P
Multi-Channel Audio Hub CODEC for Smartphones
logo
Richtek Technology Corp...
RT4730 RICHTEK-RT4730 Datasheet
362Kb / 17P
Power Solution for Wearable AMOLED Products
logo
Maxim Integrated Produc...
MAX20303 MAXIM-MAX20303 Datasheet
2Mb / 152P
Wearable Power Management Solution
Rev 6; 10/17
MAX98089 MAXIM-MAX98089_V01 Datasheet
7Mb / 133P
Low-Power, Stereo Audio Codec with FlexSound Technology
19-5865; Rev 2; 11/18
logo
Analog Devices
ADP5320 AD-ADP5320 Datasheet
134Kb / 2P
Wearable Power Management Solution for Multiple Battery Types
MAX20356 AD-MAX20356 Datasheet
10Mb / 192P
Wearable Power-Management Solution
Rev 0; 3/23
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com