Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L35-CWZR Datasheet (PDF) - Cirrus Logic

CS47L35-CWZR Datasheet PDF - Cirrus Logic
Part # CS47L35-CWZR
Download  CS47L35-CWZR Download
File Size   6639.37 Kbytes
Page   300 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Smart Codec with Low-Power Audio DSP

CS47L35-CWZR Datasheet (PDF)

Go To PDF Page Download Datasheet
CS47L35-CWZR Datasheet PDF - Cirrus Logic

Part # CS47L35-CWZR
Download  CS47L35-CWZR Click to download

File Size   6639.37 Kbytes
Page   300 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Smart Codec with Low-Power Audio DSP

CS47L35-CWZR Datasheet (HTML) - Cirrus Logic


CS47L35-CWZR Product details

Features
• 450 MIPS, 450 MMAC multicore audio-signal processor
• Programmable wideband, multimic audio processing
— Transmit-path noise reduction and echo cancelation
— Wind-noise, side-tone, and other programmable filters
• Integrated multichannel 24-bit hi-fi audio hub codec
— 101-dB signal-to-noise ratio (SNR) mic input (48 kHz)
— 122-dB SNR headphone playback (48 kHz)
• Up to six analog or four digital microphone (DMIC) inputs
• Stereo headphone/earpiece/line output driver: 30 mW
into 32- load at 0.1% total harmonic distortion + noise
(THD+N)
• Class D speaker and digital (pulse-density modulation,
PDM) output interfaces
• SLIMbus® audio and control interface
• Three full digital-audio interfaces
— Standard sample rates from 8 to 192 kHz
— Multichannel time-division multiplexing (TDM) support
on AIF1
• Flexible clocking, derived from MCLKn, AIFn, or SLIMbus
• Low-power frequency-locked loop (FLL) supports
reference clocks down to 32 kHz
• Configurable functions on up to 16 general-purpose
input/output (GPIO) pins
• Sensor-hub connectivity, with event time-stamp functions
• Integrated regulators and charge pumps
• Small WLCSP package, 0.4-mm ball array

Applications
• Smartphones and multimedia handsets
• Tablets and mobile Internet devices




Similar Part No. - CS47L35-CWZR

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L15-CWZR CIRRUS-CS47L15-CWZR Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L24 CIRRUS-CS47L24 Datasheet
4Mb / 256P
Low Power Audio Hub for Wearable Technology
Rev 4.1 JAN 2017
CS47L85 CIRRUS-CS47L85 Datasheet
10Mb / 370P
Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
Rev 4.3 JUN 18
CS47L90 CIRRUS-CS47L90 Datasheet
207Kb / 2P
Low Power, Highly Integrated Smart Audio Codec
More results


Similar Description - CS47L35-CWZR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1340 PHILIPS-UDA1340 Datasheet
154Kb / 24P
Low-voltage low-power stereo audio CODEC with DSP features
1997 Jul 09
UDA1344TS PHILIPS-UDA1344TS Datasheet
126Kb / 28P
Low-voltage low-power stereo audio CODEC with DSP features
2000 Feb 04
logo
Asahi Kasei Microsystem...
AK7770EQ AKM-AK7770EQ Datasheet
412Kb / 22P
Audio DSP with Multi-Channel Audio CODEC
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Dialog Semiconductor
DA14582 DIALOG-DA14582 Datasheet
1Mb / 177P
Low Power Bluetooth Smart SoC with Audio Codec
logo
Asahi Kasei Microsystem...
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com