Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet (PDF) - Cirrus Logic

CS47L85 Datasheet PDF - Cirrus Logic
Part # CS47L85
Download  CS47L85 Download
File Size   10994.87 Kbytes
Page   370 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub

CS47L85 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS47L85 Datasheet PDF - Cirrus Logic

Part # CS47L85
Download  CS47L85 Click to download

File Size   10994.87 Kbytes
Page   370 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub

CS47L85 Datasheet (HTML) - Cirrus Logic


CS47L85 Product details

Features
• 900 MIPS, 900MMAC multicore audio-signal processor
• Sensor hub capability, with event time-stamp functions
• Programmable wideband, multimic audio processing
— Cirrus Logic® mono ambient noise cancelation
— Transmit-path noise reduction and echo cancelation
— Wind noise, sidetone, and other programmable filters
• Multichannel asynchronous sample rate conversion
• Integrated multichannel 24-bit hi-fi audio hub codec
— Six ADCs, 100-dB SNR mic input (48 kHz)
— Eight DACs, 121-dB SNR headphone playback (48 kHz)
• Up to 9 analog or 12 digital microphone inputs
• Multipurpose headphone/earpiece/line output drivers
— 30 mW into 32-Ω load at 0.1% THD+N
• Class D speaker, and digital (PDM) output interfaces
• SLIMbus® audio and control interface
• Four full digital audio interfaces
— Standard sample rates from 8 to 192 kHz
— Multichannel TDM support on AIF1 and AIF2
• Flexible clocking, derived from MCLKn, AIFn, or SLIMbus
• Low-power frequency-locked loops (FLLs) support reference clocks down to 32 kHz
• Configurable functions on up to 40 GPIO pins
• Integrated regulators and charge pumps
• Small W-CSP package, 0.4-mm staggered ball array

Applications
• Smartphones and multimedia handsets
• Tablets and Mobile Internet Devices (MIDs)




Similar Part No. - CS47L85

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L15-CWZR CIRRUS-CS47L15-CWZR Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L24 CIRRUS-CS47L24 Datasheet
4Mb / 256P
Low Power Audio Hub for Wearable Technology
Rev 4.1 JAN 2017
CS47L35 CIRRUS-CS47L35 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
CS47L35-CWZR CIRRUS-CS47L35-CWZR Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results


Similar Description - CS47L85

ManufacturerPart #DatasheetDescription
logo
HuaXinAn Electronics CO...
AK4961ECB HUAXINAN-AK4961ECB Datasheet
311Kb / 4P
Low-Power CODEC with Audio/Voice DSP
logo
Asahi Kasei Microsystem...
AK4961ECB AKM-AK4961ECB Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962ECB AKM-AK4962ECB Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Wolfson Microelectronic...
WM5102 WOLFSON-WM5102 Datasheet
3Mb / 334P
Audio Hub CODEC with Voice Processor DSP
logo
Asahi Kasei Microsystem...
AK4961 AKM-AK4961 Datasheet
198Kb / 4P
Low-Power CODEC with Audio/Voice DSP
AK4962 AKM-AK4962 Datasheet
246Kb / 7P
Low-Power CODEC with Audio/Voice DSP
logo
Bosch Sensortec GmbH
BHA260 BOSCH-BHA260 Datasheet
202Kb / 2P
Ultra-low power and high-performance smart sensor hub with integrated accelerometer
BHI260 BOSCH-BHI260 Datasheet
220Kb / 2P
Ultra low-power high performance smart sensor hub with integrated accelerometer and gyroscope
logo
Cirrus Logic
CS47L15 CIRRUS-CS47L15 Datasheet
4Mb / 279P
Smart Codec with Low-Power Audio DSP
FEB 2019
CS47L63 CIRRUS-CS47L63 Datasheet
6Mb / 300P
Smart Codec with Low-Power Audio DSP
F3 SEP 18
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com