Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 2 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 2 Page - Cirrus Logic

  CS47L85 Datasheet HTML 1Page - Cirrus Logic CS47L85 Datasheet HTML 2Page - Cirrus Logic CS47L85 Datasheet HTML 3Page - Cirrus Logic CS47L85 Datasheet HTML 4Page - Cirrus Logic CS47L85 Datasheet HTML 5Page - Cirrus Logic CS47L85 Datasheet HTML 6Page - Cirrus Logic CS47L85 Datasheet HTML 7Page - Cirrus Logic CS47L85 Datasheet HTML 8Page - Cirrus Logic CS47L85 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 370 page
background image
CS47L85
2
Rev 4.3
Description
The CS47L85 is a highly integrated, low-power audio and sensor hub system for smartphones, tablets and other portable
audio devices. It combines an advanced DSP feature set with a flexible, high-performance audio hub codec. The
CS47L85 combines seven programmable DSP cores with a variety of power-efficient fixed-function audio processors.
Extensive GPIO and I2C master interfaces enable powerful sensor fusion functions to be integrated.
The DSP cores support multiple concurrent audio features, including multimic wideband noise reduction, high-
performance acoustic-echo cancellation (AEC), mono ambient noise cancellation (ANC), speech enhancement, advanced
media enhancement, and many more. The CS47L85 sensor hub technology enables applications to support increased
contextual awareness, including advanced motion sensing and pedestrian navigation functionality. The DSP cores are
supported by a fully flexible, all-digital mixing and routing engine with sample rate converters, for wide use-case flexibility.
Support for third-party DSP programming provides far-reaching opportunities for product differentiation.
A SLIMbus interface supports multi-channel audio paths and host control register access. Four further digital audio
interfaces are provided, each supporting a wide range of standard audio sample rates and serial interface formats.
Automatic sample rate detection enables seamless wideband/narrowband voice-call handover.
Three stereo headphone drivers each provide stereo ground-referenced or mono BTL outputs. 121dB SNR, and noise
levels as low as 0.8
μVRMS, offer hi-fi quality line or headphone output. The CS47L85 also features a stereo pair of 2.5-W
Class D outputs, four channels of stereo PDM output, and an IEC-60958-3
–compatible S/PDIF transmitter. A signal
generator for controlling haptics devices is included; vibe actuators can connect directly to the Class D speaker output or
via an external driver on the PDM output interface. All inputs, outputs, and system interfaces can function concurrently.
The CS47L85 supports up to 9 analog inputs, and up to 12 PDM digital inputs. Microphone activity detection with interrupt
is available. A smart accessory interface supports most standard 3.5mm accessories. Impedance sensing and
measurement is provided for external accessory and push-button detection.
The CS47L85 is configured using the SLIMbus, SPI
™, or I2C interfaces. Three integrated FLLs provide support for a wide
range of system clock frequencies. The device is powered from 1.8- and 1.2-V supplies. (A separate 4.2-V battery supply
is typically required for the Class D speaker drivers). The power, clocking and output driver architectures are all designed
to maximise battery life in voice, music and standby modes. Low-power (10µA)
‘Sleep’ is supported, with configurable
wake-up events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com