Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 12Page - Cirrus Logic CS47L85 Datasheet HTML 13Page - Cirrus Logic CS47L85 Datasheet HTML 14Page - Cirrus Logic CS47L85 Datasheet HTML 15Page - Cirrus Logic CS47L85 Datasheet HTML 16Page - Cirrus Logic CS47L85 Datasheet HTML 17Page - Cirrus Logic CS47L85 Datasheet HTML 18Page - Cirrus Logic CS47L85 Datasheet HTML 19Page - Cirrus Logic CS47L85 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 370 page
background image
CS47L85
16
Rev 4.3
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Digital Core and FLL supply range
See notes 3, 4, 5, 6, 7
DCVDD, FLLVDD
1.14
1.2
1.26
V
Digital supply range (I/O)
See note 8
DBVDD1, DBVDD2,
DBVDD3, DBVDD4
1.71
3.6
V
LDO supply range
See note 3
LDOVDD
1.71
1.8
1.89
V
Charge Pump supply range
CPVDD1
1.71
1.8
1.89
V
CPVDD2
1.14
1.2
1.26
V
Speaker supply range
SPKVDDL, SPKVDDR
2.4
5.5
V
Analogue supply range
See notes 9, 10
AVDD
1.71
1.8
1.89
V
Analogue supply range (FLL)
See note 4
FLLVDD
1.14
1.2
1.26
V
Microphone Bias supply
See note 11
MICVDD
0.9
2.5
3.78
V
Ground
See note 1
DGND, AGND, CPGND,
SPKGNDL, SPKGNDR,
SUBGND
0
V
Power supply rise time
See notes 12 to 17
DCVDD
10
2000
µs
LDOVDD
10
50000
All other supplies
10
Operating temperature range
TA
-40
85
°C
Notes:
1.
The impedance between DGND, AGND, CPGND and SUBGND should be less than 0.1
Ω. The impedance between SPKGNDL, SPKGNDR
and SUBGND should be less than 0.2
Ω.
2.
There are no switch-on power sequencing requirements; the supplies may be enabled in any order.
3.
When powering down the device, if DCVDD is powered using the internal LDO (LDO1), then the LDO must be disabled, or else RESET
¯¯¯¯¯¯
must be asserted (low), before the LDOVDD supply is removed. There are no other switch-off power sequencing requirements.
4.
The DCVDD and FLLVDD pins should be tied together. The associated power domain is referred to as DCVDD.
5.
An internal LDO (powered by LDOVDD) can be used to provide the DCVDD and FLLVDD supplies.
6.
‘Sleep’ mode is supported when DCVDD is below the limits noted, provided AVDD and DBVDD1 are present.
7.
It is recommended to connect a 4.7
Ω resistor in series with the FLLVDD pin connection. Note that the minimum voltage limit applies at the
supply end of the 4.7
Ω resistor in this case.
8.
If the SLIMbus interface is enabled, then the maximum DBVDD1 voltage is 1.98V.
9.
The AVDD1 and AVDD2 pins should be tied together. The associated power domain is referred to as AVDD.
10. The AGND1 and AGND2 pins should be tied together. The associated ground domain is referred to as AGND.
11. An internal Charge Pump and LDO (powered by CPVDD1) provide the Microphone Bias supply; the MICVDD pin should not be connected
to an external supply.
12. DCVDD and MICVDD minimum rise times do not apply when these domains are powered using the internal LDOs.
13. If DCVDD is supplied externally, and the rise time exceeds 2ms, then RESET
¯¯¯¯¯¯ must be asserted (low) during the rise, and held asserted
until after DCVDD is within the recommended operating limits.
14. LDOVDD maximum rise time does not apply when DCVDD is supplied externally.
15. If DCVDD is powered using the internal LDO (LDO1), and the LDOVDD rise time exceeds 50ms, then RESET
¯¯¯¯¯¯ must be asserted (low), or
LDOENA held low, during the rise. One or both these signals must be held low until after LDOVDD is within the recommended operating
limits.
16. The specified minimum power supply rise times assume a minimum decoupling capacitance of 100nF per pin. However, Cirrus Logic
strongly advises that the recommended decoupling capacitors are present on the PCB and that appropriate layout guidelines are observed.
17. The specified minimum power supply rise times also assume a maximum PCB inductance of 10nH between decoupling capacitor and pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com