Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 52 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 52 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 48Page - Cirrus Logic CS47L85 Datasheet HTML 49Page - Cirrus Logic CS47L85 Datasheet HTML 50Page - Cirrus Logic CS47L85 Datasheet HTML 51Page - Cirrus Logic CS47L85 Datasheet HTML 52Page - Cirrus Logic CS47L85 Datasheet HTML 53Page - Cirrus Logic CS47L85 Datasheet HTML 54Page - Cirrus Logic CS47L85 Datasheet HTML 55Page - Cirrus Logic CS47L85 Datasheet HTML 56Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 370 page
background image
CS47L85
52
Rev 4.3
INPUT SIGNAL PATH ENABLE
The input signal paths are enabled using the register bits described in Table 2. The respective bit(s) must be enabled for
analogue or digital input on the respective input path(s).
The input signal paths are muted by default. It is recommended that de-selecting the mute should be the final step of the
path enable control sequence. Similarly, the mute should be selected as the first step of the path disable control sequence.
The input signal path mute functions are controlled using the register bits described in Table 4.
The MICVDD power domain must be enabled when using the analogue input signal path(s). This power domain is provided
using an internal Charge Pump (CP2) and LDO Regulator (LDO2). See “Charge Pumps, Regulators and Voltage Reference”
for details of these circuits.
The system clock, SYSCLK, must be configured and enabled before any audio path is enabled. The input signal paths
should be kept disabled (INnx_ENA=0) if SYSCLK is not enabled. The ASYNCCLK and 32kHz clock may also be required,
depending o
n the path configuration. See “Clocking and Sample Rates” for details of the system clocks (including
requirements for reconfiguring SYSCLK while audio paths are enabled).
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the input signal
paths and associated ADCs. If an attempt is made to enable an input signal path, and there are insufficient SYSCLK cycles
to support it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected
under these circumstances.)
The status bits in Register R769 indicate the status of each of the input signal paths. If an Underclocked Error condition
occurs, then these bits provide readback of which input signal path(s) have been successfully enabled.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R768
(0300h)
Input_Ena
bles
11
IN6L_ENA
0
Input Path 6 (Left) Enable
0 = Disabled
1 = Enabled
10
IN6R_ENA
0
Input Path 6 (Right) Enable
0 = Disabled
1 = Enabled
9
IN5L_ENA
0
Input Path 5 (Left) Enable
0 = Disabled
1 = Enabled
8
IN5R_ENA
0
Input Path 5 (Right) Enable
0 = Disabled
1 = Enabled
7
IN4L_ENA
0
Input Path 4 (Left) Enable
0 = Disabled
1 = Enabled
6
IN4R_ENA
0
Input Path 4 (Right) Enable
0 = Disabled
1 = Enabled
5
IN3L_ENA
0
Input Path 3 (Left) Enable
0 = Disabled
1 = Enabled
4
IN3R_ENA
0
Input Path 3 (Right) Enable
0 = Disabled
1 = Enabled
3
IN2L_ENA
0
Input Path 2 (Left) Enable
0 = Disabled
1 = Enabled
2
IN2R_ENA
0
Input Path 2 (Right) Enable
0 = Disabled
1 = Enabled
1
IN1L_ENA
0
Input Path 1 (Left) Enable
0 = Disabled
1 = Enabled
0
IN1R_ENA
0
Input Path 1 (Right) Enable
0 = Disabled
1 = Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com