Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 68 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 68 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 64Page - Cirrus Logic CS47L85 Datasheet HTML 65Page - Cirrus Logic CS47L85 Datasheet HTML 66Page - Cirrus Logic CS47L85 Datasheet HTML 67Page - Cirrus Logic CS47L85 Datasheet HTML 68Page - Cirrus Logic CS47L85 Datasheet HTML 69Page - Cirrus Logic CS47L85 Datasheet HTML 70Page - Cirrus Logic CS47L85 Datasheet HTML 71Page - Cirrus Logic CS47L85 Datasheet HTML 72Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 370 page
background image
CS47L85
68
Rev 4.3
blocks.
The digital core provides parametric equalisation (EQ) functions, dynamic range control (DRC), low-pass / high-pass filters
(LHPF), and programmable DSP capability. The DSP can support functions such as wind noise, side-tone or other
programmable filters, also dynamic range control and compression, or virtual surround sound and other audio enhancements.
The CS47L85 supports multiple signal paths through the digital core. Stereo full-duplex sample rate conversion is provided
to allow digital audio to be routed between input (ADC) paths, output (DAC) paths, Digital Audio Interfaces (AIF1, AIF2, AIF3
and AIF4) and SLIMbus paths operating at different sample rates and/or referenced to asynchronous clock domains.
The DSP functions are highly programmable, using application-specific control sequences. It should be noted that the DSP
configuration data is lost whenever the DCVDD power domain is removed; the DSP configuration data must be downloaded
to the CS47L85 each time the device is powered up.
The procedure for configuring the CS47L85
DSP functions is tailored to each customer’s application; please contact your
local Cirrus Logic representative for more details.
The digital core incorporates a S/PDIF transmitter, which can provide a stereo S/PDIF output on a GPIO pin. Standard
S/PDIF sample rates of 32kHz up to 192kHz can be supported.
The CS47L85
incorporates two 1kHz tone generators which can be used for ‘beep’ functions through any of the audio signal
paths. A white noise generator is incorporated, to provide ‘comfort noise’ in cases where silence (digital mute) is not desirable.
A haptic signal generator is provided, for use with external haptic devices (e.g., mechanical vibration actuators). Two Pulse
Width Modulation (PWM) signal generators are also provided; the PWM waveforms can be modulated by an audio source
within the digital core, and can be output on a GPIO pin.
The CS47L85 also incorporates the Cirrus Logic Ambient Noise Cancellation (ANC) functionality; note that this is described
in a separate section, see “Ambient Noise Cancellation”.
An overview of the digital core mixing and signal processing functions is provided in Figure 22.
The control registers associated with the digital core signal paths are shown in Figure 23 through to Figure 39. The full list
of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document -
see “Register Map”
for further information. Generic register definitions are provided in Table 8.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com