Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 97 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 97 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 93Page - Cirrus Logic CS47L85 Datasheet HTML 94Page - Cirrus Logic CS47L85 Datasheet HTML 95Page - Cirrus Logic CS47L85 Datasheet HTML 96Page - Cirrus Logic CS47L85 Datasheet HTML 97Page - Cirrus Logic CS47L85 Datasheet HTML 98Page - Cirrus Logic CS47L85 Datasheet HTML 99Page - Cirrus Logic CS47L85 Datasheet HTML 100Page - Cirrus Logic CS47L85 Datasheet HTML 101Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 370 page
background image
CS47L85
Rev 4.3
97
The DSPn mixer / input control registers (see Figure 31) are located at register addresses R2368 (940h) through to R2676
(A74h).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective DSP processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the DSP to which they are connected. Sample rate conversion
functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and
“Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 31,
e.g.,”(68h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The *_SRCn registers for all digital core functions should be held at 00h if SYSCLK is not enabled
– SYSCLK must be
present and enabled before selecting other
values for these registers. See “Clocking and Sample Rates” for further details
(including requirements for reconfiguring SYSCLK while digital core mixers are enabled).
The sample rate for each of the DSP functions is configured using the respective DSPn_RATE registers - see Table 22.
Sample rate conversion is required when routing the DSPn signal paths to any signal chain that is asynchronous and/or
configured for a different sample rate.
The DSPn_RATE registers should not be changed if any of the respective *_SRCn registers is non-zero. The associated
*_SRCn registers should be cleared to 00h before writing new values to DSPn_RATE. A minimum delay of 125us should
be allowed between clearing the *_SRCn registers and writing to the associated DSPn_RATE registers. See Table 22 for
further details.
The CS47L85 performs automatic checks to confirm that the SYSCLK frequency is high enough to support the commanded
DSP mixing functions. If an attempt is made to enable a DSP mixer path, and there are insufficient SYSCLK cycles to support
it, then the attempt will be unsuccessful. (Note that any signal paths that are already active will not be affected under these
circumstances.)
The status bits in Registers R1600 to R3192 indicate the status of each of the digital mixers. If an Underclocked Error
condition occurs, then these bits provide readback of which mixer(s) have been successfully enabled.
SPDIF OUTPUT GENERATOR
The CS47L85 incorporates an IEC-60958-3 compatible S/PDIF output generator, as illustrated in Figure 32; this provides a
stereo S/PDIF output on a GPIO pin. The S/PDIF transmitter allows full control over the S/PDIF validity bits and channel
status information.
The input sources to the S/PDIF transmitter are selectable for each channel, and independent volume control is provided
for each path. The *TX1 and *TX2 registers control channels ‘A’ and ‘B’ (respectively) of the S/PDIF output.
The S/PDIF signal can be output directly on a GPIO pin. See “General Purpose Input / Output” to configure a GPIO pin for
this function.
Note that the S/PDIF signal cannot be selected as input to the digital mixers or signal processing functions within the
CS47L85 digital core.
SPDIF1TX1_VOL
SPDIF1TX2_VOL
SPDIF1TX2_SRC
SPDIF1TX1_SRC
GPIO
(GPn_FN = 4Ch)
S/PDIF
SPD1_ENA
SPD1_RATE
Channel ‘A’
Channel ‘B’
Figure 32 Digital Core S/PDIF Output Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com