Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 22Page - Cirrus Logic CS47L85 Datasheet HTML 23Page - Cirrus Logic CS47L85 Datasheet HTML 24Page - Cirrus Logic CS47L85 Datasheet HTML 25Page - Cirrus Logic CS47L85 Datasheet HTML 26Page - Cirrus Logic CS47L85 Datasheet HTML 27Page - Cirrus Logic CS47L85 Datasheet HTML 28Page - Cirrus Logic CS47L85 Datasheet HTML 29Page - Cirrus Logic CS47L85 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 370 page
background image
CS47L85
26
Rev 4.3
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = DBVDD4 = CPVDD1 = AVDD = LDOVDD = 1.8V, CPVDD2 = 1.2V
DCVDD = FLLVDD = 1.2V (powered from LDO1), MICVDD = 2.5V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
External Accessory Detect
Load impedance detection range
Detection via HPDETL pin
(ACCDET_MODE=001)
or HPDETR pin
(ACCDET_MODE=010)
HP_IMPEDANCE_
RANGE=00
4
30
Ω
HP_IMPEDANCE_
RANGE=01
8
100
HP_IMPEDANCE_
RANGE=10
100
1000
HP_IMPEDANCE_
RANGE=11
1000
10000
Load impedance detection range
Detection via MICDET1 or MICDET2
pin (ACCDET_MODE=100)
400
6000
Ω
Load impedance detection accuracy
(result derived from HP_DACVAL,
ACCDET_MODE=001 or 010)
HP_IMPEDANCE_
RANGE=01 or 10
-5
+5
%
HP_IMPEDANCE_
RANGE=00 or 11
-10
+10
Load impedance detection accuracy
(result derived from HP_LVL,
ACCDET_MODE= 001, 010 or 100)
-20
+20
%
Load impedance detection range
Detection via MICDET1 or MICDET2
pin (ACCDET_MODE=000).
2.2k
Ω (2%) MICBIAS resistor.
Note these characteristics assume
no other component is connected to
MICDETn.
for MICD_LVL[0] = 1
0
3
Ω
for MICD_LVL[1] = 1
17
21
for MICD_LVL[2] = 1
36
44
for MICD_LVL[3] = 1
62
88
for MICD_LVL[4] = 1
115
160
for MICD_LVL[5] = 1
207
381
for MICD_LVL[8] = 1
475
30000
Jack Detection input threshold
voltage (JACKDETn)
VJACKDET
Jack insertion
0.9
V
Jack removal
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com