Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 79 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 79 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 75Page - Cirrus Logic CS47L85 Datasheet HTML 76Page - Cirrus Logic CS47L85 Datasheet HTML 77Page - Cirrus Logic CS47L85 Datasheet HTML 78Page - Cirrus Logic CS47L85 Datasheet HTML 79Page - Cirrus Logic CS47L85 Datasheet HTML 80Page - Cirrus Logic CS47L85 Datasheet HTML 81Page - Cirrus Logic CS47L85 Datasheet HTML 82Page - Cirrus Logic CS47L85 Datasheet HTML 83Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 370 page
background image
CS47L85
Rev 4.3
79
EQ
REGISTER ADDRESSES
EQ1
R3602 (0E10h) to R3620 (0E24h)
EQ2
R3624 (0E28h) to R3642 (0E3Ah)
EQ3
R3646 (0E3Eh) to R3664 (0E53h)
EQ4
R3668 (0E54h) to R3686 (0E66h)
Table 9 EQ Coefficient Registers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R3585
(0E01h)
FX_Ctrl2
15:4
FX_STS [11:0]
00h
LHPF, DRC, EQ Enable Status
Indicates the status of each of the
respective signal processing functions.
[11] = EQ4
[10] = EQ3
[9] = EQ2
[8] = EQ1
[7] = DRC2 (Right)
[6] = DRC2 (Left)
[5] = DRC1 (Right)
[4] = DRC1 (Left)
[3] = LHPF4
[2] = LHPF3
[1] = LHPF2
[0] = LHPF1
Each bit is coded as:
0 = Disabled
1 = Enabled
R3600
(0E10h)
EQ1_1
15:11
EQ1_B1_GAIN
[4:0]
01100
EQ1 Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
10:6
EQ1_B2_GAIN
[4:0]
01100
EQ1 Band 2 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
5:1
EQ1_B3_GAIN
[4:0]
01100
EQ1 Band 3 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
0
EQ1_ENA
0
EQ1 Enable
0 = Disabled
1 = Enabled
R3601
(0E11h)
EQ1_2
15:11
EQ1_B4_GAIN
[4:0]
01100
EQ1 Band 4 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
10:6
EQ1_B5_GAIN
[4:0]
01100
EQ1 Band 5 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)
0
EQ1_B1_MODE
0
EQ1 Band 1 Mode
0 = Shelving filter
1 = Peak filter
R3602
(0E12h)
to
R3620
(E24h)
15:0
EQ1_B1_*
EQ1_B2_*
EQ1_B3_*
EQ1_B4_*
EQ1_B5_*
EQ1 Frequency Coefficients
Refer to WISCE evaluation board control
software for the derivation of these field
values.
R3622
(0E26h)
EQ2_1
15:11
EQ2_B1_GAIN
[4:0]
01100
EQ2 Band 1 Gain
-12dB to +12dB in 1dB steps
(see Table 11 for gain range)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com