Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 8Page - Cirrus Logic CS47L85 Datasheet HTML 9Page - Cirrus Logic CS47L85 Datasheet HTML 10Page - Cirrus Logic CS47L85 Datasheet HTML 11Page - Cirrus Logic CS47L85 Datasheet HTML 12Page - Cirrus Logic CS47L85 Datasheet HTML 13Page - Cirrus Logic CS47L85 Datasheet HTML 14Page - Cirrus Logic CS47L85 Datasheet HTML 15Page - Cirrus Logic CS47L85 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 370 page
background image
CS47L85
12
Rev 4.3
PIN NO
NAME
TYPE
DESCRIPTION
L13
SLIMDAT
Digital Input / Output
SLIM Bus Data input / output
N12
SPKCLK1/
GPIO37
Digital Input / Output
Digital speaker (PDM) 1 clock output / GPIO37.
GPIO output is selectable CMOS or Open Drain;
SPKCCLK output is CMOS.
M11
SPKDAT1/
GPIO39
Digital Input / Output
Digital speaker (PDM) 1 data output / GPIO39.
GPIO output is selectable CMOS or Open Drain;
SPKDAT output is CMOS.
P11
SPKCLK2/
GPIO38
Digital Input / Output
Digital speaker (PDM) 2 clock output / GPIO38.
GPIO output is selectable CMOS or Open Drain;
SPKCLK output is CMOS.
N11
SPKDAT2/
GPIO40
Digital Input / Output
Digital speaker (PDM) 2 data output / GPIO40.
GPIO output is selectable CMOS or Open Drain;
SPKDAT output is CMOS.
M1
SPKGNDLN
Supply
Left speaker driver ground (Return path for SPKVDDL).
See note.
M2
SPKGNDLP
Supply
Left speaker driver ground (Return path for SPKVDDL).
See note.
L1
SPKGNDRN
Supply
Right speaker driver ground (Return path for SPKVDDR).
See note.
L2
SPKGNDRP
Supply
Right speaker driver ground (Return path for SPKVDDR).
See note.
N1
SPKOUTLN
Analogue Output
Left speaker negative output
N2
SPKOUTLP
Analogue Output
Left speaker positive output
K1
SPKOUTRN
Analogue Output
Right speaker negative output
K2
SPKOUTRP
Analogue Output
Right speaker positive output
G2
SPKTST1
Analogue Output
Test function (recommend no external connection)
G3
SPKTST2
Analogue Output
Test function (recommend no external connection)
P1, P2
SPKVDDL
Supply
Left speaker driver supply
J1, J2
SPKVDDR
Supply
Right speaker driver supply
D13, H1
SUBGND
Supply
Substrate ground
H8
TCK
Digital Input
JTAG clock input.
Internal pull-down holds this pin at logic 0 for normal operation.
J9
TDI
Digital Input
JTAG data input.
Internal pull-down holds this pin at logic 0 for normal operation.
H9
TDO
Digital Output
JTAG data output
J8
TMS
Digital Input
JTAG mode select input.
Internal pull-down holds this pin at logic 0 for normal operation.
G8
TRST
Digital Input
JTAG Test Access Port reset (active low).
Internal pull-down holds this pin at logic 0 for normal operation.
External connection to DGND is recommended, if the JTAG interface
function is not required.
G1
VREFC
Analogue Output
Bandgap reference external capacitor connection
Note:
Separate P/N ground connections are provided for each speaker driver channel; this provides flexible support for current monitoring and output
protection circuits. If this option is not used, then the respective ground connections should be tied together on the PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com