Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 19 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 19 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 15Page - Cirrus Logic CS47L85 Datasheet HTML 16Page - Cirrus Logic CS47L85 Datasheet HTML 17Page - Cirrus Logic CS47L85 Datasheet HTML 18Page - Cirrus Logic CS47L85 Datasheet HTML 19Page - Cirrus Logic CS47L85 Datasheet HTML 20Page - Cirrus Logic CS47L85 Datasheet HTML 21Page - Cirrus Logic CS47L85 Datasheet HTML 22Page - Cirrus Logic CS47L85 Datasheet HTML 23Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 370 page
background image
CS47L85
Rev 4.3
19
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = DBVDD4 = CPVDD1 = AVDD = LDOVDD = 1.8V, CPVDD2 = 1.2V,
DCVDD = FLLVDD = 1.2V (powered from LDO1), MICVDD = 2.5V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Input Paths (INnL, INnR) to ADC (Differential Input Mode)
Signal to Noise Ratio
(A-weighted)
SNR
48kHz sample rate
93
100
dB
16kHz sample rate,
(wideband voice)
106
Total Harmonic Distortion
THD
-1dBV input
-89
-81
dB
Total Harmonic Distortion + Noise
THD+N
-1dBV input
-88
dB
Channel separation (Left/Right)
100Hz to 10kHz
100
dB
Input-referred noise floor
A-weighted,
PGA gain = +20dB
3.2
µVRMS
Common mode rejection ratio
CMRR
PGA gain = +30dB
80
dB
PGA gain = 0dB
70
PSRR (DBVDDn, LDOVDD,
CPVDD1, AVDD)
PSRR
100mV (peak-peak) 217Hz
90
dB
100mV (peak-peak) 10kHz
80
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
100
dB
100mV (peak-peak) 10kHz
80
Analogue Input Paths (INnLP, INnRP) to ADC (Single-Ended Input Mode)
Signal to Noise Ratio
(A-weighted)
SNR
48kHz sample rate
91
100
dB
16kHz sample rate,
(wideband voice)
102
Total Harmonic Distortion
THD
-7dBV input
-85
-78
dB
Total Harmonic Distortion + Noise
THD+N
-7dBV input
-84
dB
Channel separation (Left/Right)
100Hz to 10kHz
100
dB
Input-referred noise floor
A-weighted,
PGA gain = +20dB
4
µVRMS
PSRR (DBVDDn, LDOVDD,
CPVDD1, AVDD)
PSRR
100mV (peak-peak) 217Hz
77
dB
100mV (peak-peak) 10kHz
50
PSRR (SPKVDDL, SPKVDDR)
PSRR
100mV (peak-peak) 217Hz
90
dB
100mV (peak-peak) 10kHz
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com