Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 51 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 51 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 47Page - Cirrus Logic CS47L85 Datasheet HTML 48Page - Cirrus Logic CS47L85 Datasheet HTML 49Page - Cirrus Logic CS47L85 Datasheet HTML 50Page - Cirrus Logic CS47L85 Datasheet HTML 51Page - Cirrus Logic CS47L85 Datasheet HTML 52Page - Cirrus Logic CS47L85 Datasheet HTML 53Page - Cirrus Logic CS47L85 Datasheet HTML 54Page - Cirrus Logic CS47L85 Datasheet HTML 55Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 370 page
background image
CS47L85
Rev 4.3
51
Digital Mic
MICVDD or MICBIASn
AGND
Digital Mic
VDD
CLK
DATA
VDD
CLK
DATA
CHAN
CHAN
VDD
DMICDATn
DMICCLKn
Digital
Microphone
Interface
The IN1, IN2, IN3 digital inputs are
referenced to MICVDD, or MICBIAS1/2/3.
The IN4, IN5, IN6 digital inputs are
referenced to DBVDD4.
The supply for each digital microphone
should the same voltage as the applicable
reference. Recommended that MICBIAS4
is used with IN4, IN5, IN6 only.
Figure 20 Digital Microphone Input
Two digital microphone channels are interleaved on DMICDATn. The digital microphone interface timing is illustrated in
Figure 21. Each microphone must tri-state its data output when the other microphone is transmitting.
DMICCLKn pin
DMICDATn pin
(Left & Right
channels interleaved)
1
2
1
2
1
2
Left Mic output
1
1
1
Right Mic output
2
2
2
hi-Z
Figure 21 Digital Microphone Interface Timing
When digital microphone input is enabled, the CS47L85 outputs a clock signal on the applicable DMICCLK pin(s). The
DMICCLK frequency is selectable, as described in Table 1.
Note that SYSCLK must be present and enabled when using the Digital
Microphone inputs; see “Clocking and Sample
Rates
” for details of SYSCLK and the associated register control fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com