Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 74 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 74 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 70Page - Cirrus Logic CS47L85 Datasheet HTML 71Page - Cirrus Logic CS47L85 Datasheet HTML 72Page - Cirrus Logic CS47L85 Datasheet HTML 73Page - Cirrus Logic CS47L85 Datasheet HTML 74Page - Cirrus Logic CS47L85 Datasheet HTML 75Page - Cirrus Logic CS47L85 Datasheet HTML 76Page - Cirrus Logic CS47L85 Datasheet HTML 77Page - Cirrus Logic CS47L85 Datasheet HTML 78Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 370 page
background image
CS47L85
74
Rev 4.3
DIGITAL CORE INPUTS
The digital core comprises multiple input paths as illustrated in Figure 23. Any of these inputs may be selected as a source
to the digital mixers or signal processing functions within the CS47L85 digital core.
Note that the outputs from other blocks within the Digital Core may also be selected as input to the digital mixers or signal
processing functions within the CS47L85 digital core. Those input sources, which are not shown in Figure 23, are described
separately in other sections of the “Digital Core” description.
The bracketed numbers in Figure 23,
e.g.,”(10h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The sample rate for the input signal paths is configured using the applicable IN_RATE, AIFn_RATE or SLIMRXn_RATE
register - see Table 22. Note that sample rate conversion is required when routing the input signal paths to any signal chain
that is asynchronous and/or configured for a different sample rate.
Silence (mute) (00h)
AEC1 Loopback (08h)
AEC2 Loopback (09h)
IN1L signal path (10h)
IN1R signal path (11h)
IN2L signal path (12h)
IN2R signal path (13h)
IN3L signal path (14h)
IN3R signal path (15h)
IN4L signal path (16h)
IN4R signal path (17h)
IN5L signal path (18h)
IN5R signal path (19h)
IN6L signal path (1Ah)
IN6R signal path (1Bh)
AIF1 RX1 (20h)
AIF1 RX2 (21h)
AIF1 RX3 (22h)
AIF1 RX4 (23h)
AIF1 RX5 (24h)
AIF1 RX6 (25h)
AIF1 RX7 (26h)
AIF1 RX8 (27h)
AIF2 RX1 (28h)
AIF2 RX2 (29h)
AIF2 RX3 (2Ah)
AIF2 RX4 (2Bh)
AIF2 RX5 (2Ch)
AIF2 RX6 (2Dh)
AIF2 RX7 (2Eh)
AIF2 RX8 (2Fh)
AIF3 RX1 (30h)
AIF3 RX2 (31h)
AIF4 RX1 (34h)
AIF4 RX2 (35h)
SLIMbus RX1 (38h)
SLIMbus RX2 (39h)
SLIMbus RX3 (3Ah)
SLIMbus RX4 (3Bh)
SLIMbus RX5 (3Ch)
SLIMbus RX6 (3Dh)
SLIMbus RX7 (3Eh)
SLIMbus RX8 (3Fh)
Figure 23 Digital Core Inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com