Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 39 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 39 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 35Page - Cirrus Logic CS47L85 Datasheet HTML 36Page - Cirrus Logic CS47L85 Datasheet HTML 37Page - Cirrus Logic CS47L85 Datasheet HTML 38Page - Cirrus Logic CS47L85 Datasheet HTML 39Page - Cirrus Logic CS47L85 Datasheet HTML 40Page - Cirrus Logic CS47L85 Datasheet HTML 41Page - Cirrus Logic CS47L85 Datasheet HTML 42Page - Cirrus Logic CS47L85 Datasheet HTML 43Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 370 page
background image
CS47L85
Rev 4.3
39
CONTROL INTERFACE TIMING
2-WIRE (I2C) CONTROL MODE
SCLK
(input)
SDA
t4
t3
START
t8
STOP
t2
t1
t7
t6
t5
t9
t10
Figure 8 Control Interface Timing - 2-wire (I2C) Control Mode
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
SCLK Frequency
3400
kHz
SCLK Low Pulse-Width
t1
160
ns
SCLK High Pulse-Width
t2
100
ns
Hold Time (Start Condition)
t3
160
ns
Setup Time (Start Condition)
t4
160
ns
SDA, SCLK Rise Time
(10% to 90%)
SCLK frequency > 1.7MHz
t6
80
ns
SCLK frequency > 1MHz
160
SCLK frequency
≤ 1MHz
2000
SDA, SCLK Fall Time
(90% to 10%)
SCLK frequency > 1.7MHz
t7
60
ns
SCLK frequency > 1MHz
160
SCLK frequency
≤ 1MHz
200
Setup Time (Stop Condition)
t8
160
ns
SDA Setup Time (data input)
t5
40
ns
SDA Hold Time (data input)
t9
0
ns
SDA Valid Time
(data/ACK output)
SCLK slew (90% to 10%) = 20ns,
CLOAD (SDA) = 15pF
t10
40
ns
SCLK slew (90% to 10%) = 60ns,
CLOAD (SDA) = 100pF
130
SCLK slew (90% to 10%) = 160ns,
CLOAD (SDA) = 400pF
190
SCLK slew (90% to 10%) = 200ns,
CLOAD (SDA) = 550pF
220
Pulse width of spikes that will be suppressed
tps
0
25
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com