Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 78 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 78 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 74Page - Cirrus Logic CS47L85 Datasheet HTML 75Page - Cirrus Logic CS47L85 Datasheet HTML 76Page - Cirrus Logic CS47L85 Datasheet HTML 77Page - Cirrus Logic CS47L85 Datasheet HTML 78Page - Cirrus Logic CS47L85 Datasheet HTML 79Page - Cirrus Logic CS47L85 Datasheet HTML 80Page - Cirrus Logic CS47L85 Datasheet HTML 81Page - Cirrus Logic CS47L85 Datasheet HTML 82Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 370 page
background image
CS47L85
78
Rev 4.3
5-BAND PARAMETRIC EQUALISER (EQ)
The digital core provides four EQ processing blocks as illustrated in Figure 27. A 4-input mixer is associated with each EQ.
The 4 input sources are selectable in each case, and independent volume control is provided for each path. Each EQ block
supports 1 output.
The EQ provides selective control of 5 frequency bands as described below.
The low frequency band (Band 1) filter can be configured either as a peak filter or a shelving filter. When configured as a
shelving filter, is provides adjustable gain below the Band 1 cut-off frequency. As a peak filter, it provides adjustable gain
within a defined frequency band that is centred on the Band 1 frequency.
The mid frequency bands (Band 2, Band 3, Band 4) filters are peak filters, which provide adjustable gain around the
respective centre frequency.
The high frequency band (Band 5) filter is a shelving filter, which provides adjustable gain above the Band 5 cut-off frequency.
EQnMIX_VOL2
EQnMIX_VOL3
EQnMIX_VOL4
+
EQnMIX_VOL1
EQnMIX_SRC1
EQnMIX_SRC3
EQnMIX_SRC4
EQnMIX_SRC2
EQ1 (50h)
EQ2 (51h)
EQ3 (52h)
EQ4 (53h)
EQ
5-band Equaliser
CS47L85 supports 4 EQ blocks, ie. n = 1, 2, 3 or 4
Figure 27 Digital Core EQ Blocks
The EQ1, EQ2, EQ3 and EQ4 mixer control registers (see Figure 27) are located at register addresses R2176 (880h) through
to R2207 (89Fh).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective EQ processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the EQ to which they are connected. Sample rate conversion
functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and
“Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 27,
e.g.,”(50h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The EQ blocks should be kept disabled (EQn_ENA=0) if SYSCLK is not enabled. The *_SRCn registers for all digital core
functions should be held at 00h if SYSCLK is not enabled. SYSCLK must be present and enabled before selecting other
values for these registers. See “Clocking and Sample Rates” for further details (including requirements for reconfiguring
SYSCLK while digital core functions are enabled).
The sample rate for the EQ function is configured using the FX_RATE register - see Table 22. Note that the EQ, DRC and
LHPF functions must all be configured for the same sample rate. Sample rate conversion is required when routing the EQ
signal paths to any signal chain that is asynchronous and/or configured for a different sample rate.
The FX_RATE register should not be changed if any of the associated *_SRCn registers is non-zero. The associated
*_SRCn registers should be cleared to 00h before writing a new value to FX_RATE. A minimum delay of 125us should be
allowed between clearing the *_SRCn registers and writing to the FX_RATE register. See Table 22 for further details.
The control registers associated with the EQ functions are described in Table 10.
The cut-off or centre frequencies for the 5-band EQ are set using the coefficients held in the registers identified in Table 9.
These coefficients are derived using tools provided in Cirrus Logic
’s WISCE™ evaluation board control software; please
contact your local Cirrus Logic representative for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com