Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 37 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 37 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 33Page - Cirrus Logic CS47L85 Datasheet HTML 34Page - Cirrus Logic CS47L85 Datasheet HTML 35Page - Cirrus Logic CS47L85 Datasheet HTML 36Page - Cirrus Logic CS47L85 Datasheet HTML 37Page - Cirrus Logic CS47L85 Datasheet HTML 38Page - Cirrus Logic CS47L85 Datasheet HTML 39Page - Cirrus Logic CS47L85 Datasheet HTML 40Page - Cirrus Logic CS47L85 Datasheet HTML 41Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 370 page
background image
CS47L85
Rev 4.3
37
DIGITAL AUDIO INTERFACE - SLAVE MODE
BCLK
(input)
LRCLK
(input)
TXDAT
(output)
RXDAT
(input)
tDSU
tDD
tDH
tLRH
tLRSU
tBCH
tBCL
tBCY
Figure 6 Audio Interface Timing - Slave Mode
Note that BCLK and LRCLK inputs can be inverted if required; Figure 6 shows the default, non-inverted polarity.
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Audio Interface Timing - Slave Mode
AIFnBCLK cycle time
tBCY
40
ns
AIFnBCLK pulse width high
BCLK as direct SYSCLK or
ASYNCCLK source
tBCH
16
ns
All other conditions
14
AIFnBCLK pulse width low
BCLK as direct SYSCLK or
ASYNCCLK source
tBCL
16
ns
All other conditions
14
Audio Interface Timing - Slave Mode
CLOAD = 15pF (output pins). BCLK slew (10% to 90%) = 3ns.
AIFnLRCLK set-up time to BCLK rising edge
tLRSU
7
ns
AIFnLRCLK hold time from BCLK rising edge
tLRH
0
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0
12.2
ns
AIFnRXDAT set-up time to BCLK rising edge
tDSU
2
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0
ns
Audio Interface Timing - Slave Mode
CLOAD = 25pF (output pins). BCLK slew (10% to 90%) = 6ns.
AIFnLRCLK set-up time to BCLK rising edge
tLRSU
7
ns
AIFnLRCLK hold time from BCLK rising edge
tLRH
0
ns
AIFnTXDAT propagation delay from BCLK falling edge
tDD
0
14.2
ns
AIFnRXDAT set-up time to BCLK rising edge
tDSU
2
ns
AIFnRXDAT hold time from BCLK rising edge
tDH
0
ns
Audio Interface Timing - Slave Mode, Master LRCLK
AIFnLRCLK propagation delay from BCLK falling edge
CLOAD = 15pF (output pins). BCLK slew (10% to 90%) = 3ns.
tLRD
14.8
ns
AIFnLRCLK propagation delay from BCLK falling edge
CLOAD = 25pF (output pins). BCLK slew (10% to 90%) = 6ns.
15.9
Notes:
The descriptions above assume non-inverted polarity of AIFnBCLK.
When AIFnBCLK or AIFnLRCLK is selected as a source for SYSCLK or ASYNCCLK (either directly or via one of the FLLs), the frequency must
be within 1% of the applicable SYSCLK_FREQ or ASYNCCLK_FREQ register setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com