Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 43 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 43 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 39Page - Cirrus Logic CS47L85 Datasheet HTML 40Page - Cirrus Logic CS47L85 Datasheet HTML 41Page - Cirrus Logic CS47L85 Datasheet HTML 42Page - Cirrus Logic CS47L85 Datasheet HTML 43Page - Cirrus Logic CS47L85 Datasheet HTML 44Page - Cirrus Logic CS47L85 Datasheet HTML 45Page - Cirrus Logic CS47L85 Datasheet HTML 46Page - Cirrus Logic CS47L85 Datasheet HTML 47Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 370 page
background image
CS47L85
Rev 4.3
43
JTAG INTERFACE TIMING
TCK
(input)
tCCH
tCCL
tCCY
TDI
(input)
tDSU
tDH
TMS
(input)
tMSU
tMH
TDO
(output)
tDD
TRST
(input)
tRSU
tRH
Figure 12 JTAG Interface Timing
Test Conditions
The following timing information is valid across the full range of recommended operating conditions, unless otherwise noted.
CLOAD = 25pF (output pins). TCK slew (20% to 80%) = 5ns.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
JTAG Interface Timing
TCK cycle time
TCCY
50
ns
TCK pulse width high
TCCH
20
ns
TCK pulse width low
TCCL
20
ns
TMS setup time to TCK rising edge
TMSU
1
ns
TMS hold time from TCK rising edge
TMH
2
ns
TDI setup time to TCK rising edge
TDSU
1
ns
TDI hold time from TCK rising edge
TDH
2
ns
TDO propagation delay from TCK falling edge
TDD
0
17
ns
TRST setup time to TCK rising edge
TRSU
3
ns
TRST hold time from TCK rising edge
TRH
3
ns
TRST pulse width low
20
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com