Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 82 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 82 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 78Page - Cirrus Logic CS47L85 Datasheet HTML 79Page - Cirrus Logic CS47L85 Datasheet HTML 80Page - Cirrus Logic CS47L85 Datasheet HTML 81Page - Cirrus Logic CS47L85 Datasheet HTML 82Page - Cirrus Logic CS47L85 Datasheet HTML 83Page - Cirrus Logic CS47L85 Datasheet HTML 84Page - Cirrus Logic CS47L85 Datasheet HTML 85Page - Cirrus Logic CS47L85 Datasheet HTML 86Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 370 page
background image
CS47L85
82
Rev 4.3
DYNAMIC RANGE CONTROL (DRC)
The digital core provides two stereo Dynamic Range Control (DRC) processing blocks as illustrated in Figure 28. A 4-input
mixer is associated with each DRC input channel. The 4 input sources are selectable in each case, and independent volume
control is provided for each path. The stereo DRC blocks support 2 outputs each.
The function of the DRC is to adjust the signal gain in conditions where the input amplitude is unknown or varies over a wide
range, e.g. when recording from microphones built into a handheld system, or to restrict the dynamic range of an output
signal path.
The DRC can apply Compression and Automatic Level Control to the signal path. It incorporat
es ‘anti-clip’ and ‘quick release’
features for handling transients in order to improve intelligibility in the presence of loud impulsive noises.
The DRC also incorporates a Noise Gate function, which provides additional attenuation of very low-level input signals. This
means that the signal path is quiet when no signal is present, giving an improvement in background noise level under these
conditions.
A Signal Detect function is provided within the DRC; this can be used to detect the presence of an audio signal, and used
to trigger other events. The Signal Detect function can be used as an Interrupt event, or used to trigger the Control Write
Sequencer (note - DRC1 only).
DRCnLMIX_VOL2
DRCnLMIX_VOL3
DRCnLMIX_VOL4
+
DRCnLMIX_VOL1
DRCnLMIX_SRC1
DRCnLMIX_SRC3
DRCnLMIX_SRC4
DRCnLMIX_SRC2
DRC1 Left (58h)
DRC2 Left (5Ah)
DRC
Dynamic Range Controller
DRCnRMIX_VOL2
DRCnRMIX_VOL3
DRCnRMIX_VOL4
+
DRCnRMIX_VOL1
DRCnRMIX_SRC1
DRCnRMIX_SRC3
DRCnRMIX_SRC4
DRCnRMIX_SRC2
DRC1 Right (59h)
DRC2 Right (5Bh)
DRC
Dynamic Range Controller
CS47L85 supports 2 Stereo DRC blocks, ie. n = 1 or 2
Figure 28 Dynamic Range Control (DRC) Block
The DRC1 and DRC2 mixer control registers (see Figure 28) are located at register addresses R2240 (8C0h) through to
R2271 (08DFh).
The full list of digital mixer control registers (Register R1600 through to R3192) is provided in a separate document - see
“Register Map” for further information. Generic register definitions are provided in Table 8.
The *_SRCn registers select the input source(s) for the respective DRC processing blocks. Note that the selected input
source(s) must be configured for the same sample rate as the DRC to which they are connected. Sample rate conversion
functions are available to support flexible interconnectivity -
see “Asynchronous Sample Rate Converter (ASRC)” and
“Isochronous Sample Rate Converter (ISRC)”.
The bracketed numbers in Figure 28,
e.g.,”(58h)” indicate the corresponding *_SRCn register setting for selection of that
signal as an input to another digital core function.
The DRC blocks should be kept disabled (DRCnx_ENA=0) if SYSCLK is not enabled. The *_SRCn registers for all digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com