Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 72 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 72 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 68Page - Cirrus Logic CS47L85 Datasheet HTML 69Page - Cirrus Logic CS47L85 Datasheet HTML 70Page - Cirrus Logic CS47L85 Datasheet HTML 71Page - Cirrus Logic CS47L85 Datasheet HTML 72Page - Cirrus Logic CS47L85 Datasheet HTML 73Page - Cirrus Logic CS47L85 Datasheet HTML 74Page - Cirrus Logic CS47L85 Datasheet HTML 75Page - Cirrus Logic CS47L85 Datasheet HTML 76Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 370 page
background image
CS47L85
72
Rev 4.3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
38h = SLIMbus RX1
39h = SLIMbus RX2
3Ah = SLIMbus RX3
3Bh = SLIMbus RX4
3Ch = SLIMbus RX5
3Dh = SLIMbus RX6
3Eh = SLIMbus RX7
3Fh = SLIMbus RX8
50h = EQ1
51h = EQ2
52h = EQ3
53h = EQ4
58h = DRC1 Left
59h = DRC1 Right
5Ah = DRC2 Left
5Bh = DRC2 Right
60h = LHPF1
61h = LHPF2
62h = LHPF3
63h = LHPF4
68h = DSP1 channel 1
69h = DSP1 channel 2
6Ah = DSP1 channel 3
6Bh = DSP1 channel 4
6Ch = DSP1 channel 5
6Dh = DSP1 channel 6
70h = DSP2 channel 1
71h = DSP2 channel 2
72h = DSP2 channel 3
73h = DSP2 channel 4
74h = DSP2 channel 5
75h = DSP2 channel 6
78h = DSP3 channel 1
79h = DSP3 channel 2
7Ah = DSP3 channel 3
7Bh = DSP3 channel 4
7Ch = DSP3 channel 5
7Dh = DSP3 channel 6
80h = DSP4 channel 1
81h = DSP4 channel 2
82h = DSP4 channel 3
83h = DSP4 channel 4
84h = DSP4 channel 5
85h = DSP4 channel 6
88h = DSP5 channel 1
89h = DSP5 channel 2
8Ah = DSP5 channel 3
8Bh = DSP5 channel 4
8Ch = DSP5 channel 5
8Dh = DSP5 channel 6
90h = ASRC1 IN1 Left
91h = ASRC1 IN1 Right
92h = ASRC1 IN2 Left
93h = ASRC1 IN2 Right
94h = ASRC2 IN1 Left
95h = ASRC2 IN1 Right
96h = ASRC2 IN2 Left
97h = ASRC2 IN2 Right
A0h = ISRC1 INT1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com