Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 53 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 53 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 49Page - Cirrus Logic CS47L85 Datasheet HTML 50Page - Cirrus Logic CS47L85 Datasheet HTML 51Page - Cirrus Logic CS47L85 Datasheet HTML 52Page - Cirrus Logic CS47L85 Datasheet HTML 53Page - Cirrus Logic CS47L85 Datasheet HTML 54Page - Cirrus Logic CS47L85 Datasheet HTML 55Page - Cirrus Logic CS47L85 Datasheet HTML 56Page - Cirrus Logic CS47L85 Datasheet HTML 57Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 370 page
background image
CS47L85
Rev 4.3
53
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R769
(0301h)
Input_Ena
bles_Statu
s
11
IN6L_ENA_STS
0
Input Path 6 (Left) Enable Status
0 = Disabled
1 = Enabled
10
IN6R_ENA_STS
0
Input Path 6 (Right) Enable Status
0 = Disabled
1 = Enabled
9
IN5L_ENA_STS
0
Input Path 5 (Left) Enable Status
0 = Disabled
1 = Enabled
8
IN5R_ENA_STS
0
Input Path 5 (Right) Enable Status
0 = Disabled
1 = Enabled
7
IN4L_ENA_STS
0
Input Path 4 (Left) Enable Status
0 = Disabled
1 = Enabled
6
IN4R_ENA_STS
0
Input Path 4 (Right) Enable Status
0 = Disabled
1 = Enabled
5
IN3L_ENA_STS
0
Input Path 3 (Left) Enable Status
0 = Disabled
1 = Enabled
4
IN3R_ENA_STS
0
Input Path 3 (Right) Enable Status
0 = Disabled
1 = Enabled
3
IN2L_ENA_STS
0
Input Path 2 (Left) Enable Status
0 = Disabled
1 = Enabled
2
IN2R_ENA_STS
0
Input Path 2 (Right) Enable Status
0 = Disabled
1 = Enabled
1
IN1L_ENA_STS
0
Input Path 1 (Left) Enable Status
0 = Disabled
1 = Enabled
0
IN1R_ENA_STS
0
Input Path 1 (Right) Enable Status
0 = Disabled
1 = Enabled
Table 2 Input Signal Path Enable
INPUT SIGNAL PATH SAMPLE RATE CONTROL
The input signal paths may be selected as input to the digital mixers or signal processing functions within the CS47L85
digital core. The sample rate for the input signal paths is configured using the IN_RATE register - see Table 22 within the
“Digital Core” section.
Note that sample rate conversion is required when routing the input signal paths to any signal chain that is asynchronous
and/or configured for a different sample rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com