Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 66 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 66 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 62Page - Cirrus Logic CS47L85 Datasheet HTML 63Page - Cirrus Logic CS47L85 Datasheet HTML 64Page - Cirrus Logic CS47L85 Datasheet HTML 65Page - Cirrus Logic CS47L85 Datasheet HTML 66Page - Cirrus Logic CS47L85 Datasheet HTML 67Page - Cirrus Logic CS47L85 Datasheet HTML 68Page - Cirrus Logic CS47L85 Datasheet HTML 69Page - Cirrus Logic CS47L85 Datasheet HTML 70Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 370 page
background image
CS47L85
66
Rev 4.3
Input Volume
Register
Volume
(dB)
Input Volume
Register
Volume
(dB)
Input Volume
Register
Volume
(dB)
Input Volume
Register
Volume
(dB)
00h
-64.0
40h
-32.0
80h
0.0
C0h
Reserved
01h
-63.5
41h
-31.5
81h
0.5
C1h
Reserved
02h
-63.0
42h
-31.0
82h
1.0
C2h
Reserved
03h
-62.5
43h
-30.5
83h
1.5
C3h
Reserved
04h
-62.0
44h
-30.0
84h
2.0
C4h
Reserved
05h
-61.5
45h
-29.5
85h
2.5
C5h
Reserved
06h
-61.0
46h
-29.0
86h
3.0
C6h
Reserved
07h
-60.5
47h
-28.5
87h
3.5
C7h
Reserved
08h
-60.0
48h
-28.0
88h
4.0
C8h
Reserved
09h
-59.5
49h
-27.5
89h
4.5
C9h
Reserved
0Ah
-59.0
4Ah
-27.0
8Ah
5.0
CAh
Reserved
0Bh
-58.5
4Bh
-26.5
8Bh
5.5
CBh
Reserved
0Ch
-58.0
4Ch
-26.0
8Ch
6.0
CCh
Reserved
0Dh
-57.5
4Dh
-25.5
8Dh
6.5
CDh
Reserved
0Eh
-57.0
4Eh
-25.0
8Eh
7.0
CEh
Reserved
0Fh
-56.5
4Fh
-24.5
8Fh
7.5
CFh
Reserved
10h
-56.0
50h
-24.0
90h
8.0
D0h
Reserved
11h
-55.5
51h
-23.5
91h
8.5
D1h
Reserved
12h
-55.0
52h
-23.0
92h
9.0
D2h
Reserved
13h
-54.5
53h
-22.5
93h
9.5
D3h
Reserved
14h
-54.0
54h
-22.0
94h
10.0
D4h
Reserved
15h
-53.5
55h
-21.5
95h
10.5
D5h
Reserved
16h
-53.0
56h
-21.0
96h
11.0
D6h
Reserved
17h
-52.5
57h
-20.5
97h
11.5
D7h
Reserved
18h
-52.0
58h
-20.0
98h
12.0
D8h
Reserved
19h
-51.5
59h
-19.5
99h
12.5
D9h
Reserved
1Ah
-51.0
5Ah
-19.0
9Ah
13.0
DAh
Reserved
1Bh
-50.5
5Bh
-18.5
9Bh
13.5
DBh
Reserved
1Ch
-50.0
5Ch
-18.0
9Ch
14.0
DCh
Reserved
1Dh
-49.5
5Dh
-17.5
9Dh
14.5
DDh
Reserved
1Eh
-49.0
5Eh
-17.0
9Eh
15.0
DEh
Reserved
1Fh
-48.5
5Fh
-16.5
9Fh
15.5
DFh
Reserved
20h
-48.0
60h
-16.0
A0h
16.0
E0h
Reserved
21h
-47.5
61h
-15.5
A1h
16.5
E1h
Reserved
22h
-47.0
62h
-15.0
A2h
17.0
E2h
Reserved
23h
-46.5
63h
-14.5
A3h
17.5
E3h
Reserved
24h
-46.0
64h
-14.0
A4h
18.0
E4h
Reserved
25h
-45.5
65h
-13.5
A5h
18.5
E5h
Reserved
26h
-45.0
66h
-13.0
A6h
19.0
E6h
Reserved
27h
-44.5
67h
-12.5
A7h
19.5
E7h
Reserved
28h
-44.0
68h
-12.0
A8h
20.0
E8h
Reserved
29h
-43.5
69h
-11.5
A9h
20.5
E9h
Reserved
2Ah
-43.0
6Ah
-11.0
AAh
21.0
EAh
Reserved
2Bh
-42.5
6Bh
-10.5
ABh
21.5
EBh
Reserved
2Ch
-42.0
6Ch
-10.0
ACh
22.0
ECh
Reserved
2Dh
-41.5
6Dh
-9.5
ADh
22.5
EDh
Reserved
2Eh
-41.0
6Eh
-9.0
AEh
23.0
EEh
Reserved
2Fh
-40.5
6Fh
-8.5
AFh
23.5
EFh
Reserved
30h
-40.0
70h
-8.0
B0h
24.0
F0h
Reserved
31h
-39.5
71h
-7.5
B1h
24.5
F1h
Reserved
32h
-39.0
72h
-7.0
B2h
25.0
F2h
Reserved
33h
-38.5
73h
-6.5
B3h
25.5
F3h
Reserved
34h
-38.0
74h
-6.0
B4h
26.0
F4h
Reserved
35h
-37.5
75h
-5.5
B5h
26.5
F5h
Reserved
36h
-37.0
76h
-5.0
B6h
27.0
F6h
Reserved
37h
-36.5
77h
-4.5
B7h
27.5
F7h
Reserved
38h
-36.0
78h
-4.0
B8h
28.0
F8h
Reserved
39h
-35.5
79h
-3.5
B9h
28.5
F9h
Reserved
3Ah
-35.0
7Ah
-3.0
BAh
29.0
FAh
Reserved
3Bh
-34.5
7Bh
-2.5
BBh
29.5
FBh
Reserved
3Ch
-34.0
7Ch
-2.0
BCh
30.0
FCh
Reserved
3Dh
-33.5
7Dh
-1.5
BDh
30.5
FDh
Reserved
3Eh
-33.0
7Eh
-1.0
BEh
31.0
FEh
Reserved
00.
-32.5
7Fh
-0.5
BFh
31.5
FFh
Reserved
Table 5 Input Signal Path Digital Volume Range



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com