Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 14Page - Cirrus Logic CS47L85 Datasheet HTML 15Page - Cirrus Logic CS47L85 Datasheet HTML 16Page - Cirrus Logic CS47L85 Datasheet HTML 17Page - Cirrus Logic CS47L85 Datasheet HTML 18Page - Cirrus Logic CS47L85 Datasheet HTML 19Page - Cirrus Logic CS47L85 Datasheet HTML 20Page - Cirrus Logic CS47L85 Datasheet HTML 21Page - Cirrus Logic CS47L85 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 370 page
background image
CS47L85
18
Rev 4.3
Test Conditions
The following electrical characteristics are valid across the full range of recommended operating conditions.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line / Headphone / Earpiece Output Driver (HPOUTnL, HPOUTnR)
Load resistance
Normal operation,
Single-ended mode
6
Ω
Normal operation,
Differential (BTL) mode
15
Device survival with load
applied indefinitely
0
Load capacitance
Single-ended mode
500
pF
Differential (BTL) mode
200
Speaker Output Driver (SPKOUTLP+SPKOUTLN, SPKOUTRP+SPKOUTRN)
Load resistance
Normal operation
4
Ω
Device survival with load
applied indefinitely
0
Load capacitance
200
pF
Digital Speaker Output (SPKDAT1, SPKDAT2)
Full-scale output level
(0dBFS digital core output)
0dB gain
-6
dBFS
Notes:
1.
The digital output signal level is measured in dBFS, where 0dBFS is a signal level equal to the full-scale range (FSR) of the PDM output.
The FSR is defined as the amplitude of a 1kHz sine wave whose positive and negative peaks are represented by the maximum and
minimum digital codes respectively - this is the largest 1kHz sine wave that will fit in the digital output range without clipping.
Test Conditions
DBVDD1 = DBVDD2 = DBVDD3 = DBVDD4 = CPVDD1 = AVDD = LDOVDD = 1.8V, CPVDD2 = 1.2V,
DCVDD = FLLVDD = 1.2V (powered from LDO1), MICVDD = 2.5V (powered from LDO2), SPKVDDL = SPKVDDR = 4.2V,
TA = +25ºC, 1kHz sinusoid signal, fs = 48kHz, PGA gain = 0dB, 24-bit audio data unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Line / Headphone / Earpiece Output Driver (HPOUTnL, HPOUTnR)
DC offset at Load
Single-ended mode
100
100
µV
Differential (BTL) mode
200
Speaker Output Driver (SPKOUTLP+SPKOUTLN, SPKOUTRP+SPKOUTRN)
DC offset at Load
3
mV
SPKVDD leakage current
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com