Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47L85 Datasheet(PDF) 44 Page - Cirrus Logic

Part # CS47L85
Description  Low-Power Smart Codec with Seven DSP Cores, Voice and Media Enhancement, and Integrated Sensor Hub
PDF  370 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47L85 Datasheet(HTML) 44 Page - Cirrus Logic

Back Button CS47L85 Datasheet HTML 40Page - Cirrus Logic CS47L85 Datasheet HTML 41Page - Cirrus Logic CS47L85 Datasheet HTML 42Page - Cirrus Logic CS47L85 Datasheet HTML 43Page - Cirrus Logic CS47L85 Datasheet HTML 44Page - Cirrus Logic CS47L85 Datasheet HTML 45Page - Cirrus Logic CS47L85 Datasheet HTML 46Page - Cirrus Logic CS47L85 Datasheet HTML 47Page - Cirrus Logic CS47L85 Datasheet HTML 48Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 370 page
background image
CS47L85
44
Rev 4.3
DEVICE DESCRIPTION
INTRODUCTION
The CS47L85 is a highly integrated low-power audio hub CODEC for mobile telephony and portable devices. It provides
flexible, high-performance audio interfacing for handheld devices in a small and cost-effective package. It provides
exceptional levels of performance and signal processing capability, suitable for a wide variety of mobile and handheld
devices.
The CS47L85 digital core incorporates the Cirrus Logic Ambient Noise Cancellation (ANC), and provides an extensive
capability for programmable signal processing algorithms, including receive (RX) path noise cancellation, transmit (TX) path
noise reduction, and Acoustic Echo Cancellation (AEC) algorithms.
The digital core provides signal processing capability for sensor hub functions. The programmable DSP allows many external
sensors to be efficiently integrated, enabling increased contextual awareness in a wide variety of advanced user applications.
The CS47L85 digital core supports audio enhancements, such as Dynamic Range Control (DRC), Multi-band Compression
(MBC), and Virtual Surround Sound (VSS). Highly flexible digital mixing, including stereo full-duplex asynchronous sample
rate conversion, provides use-case flexibility across a broad range of system architectures. A signal generator for controlling
haptics vibe actuators is included.
The CS47L85 provides multiple digital audio interfaces, including SLIMbus, in order to provide independent and fully
asynchronous connections to different processors (e.g., application processor, baseband processor and wireless
transceiver).
A flexible clocking arrangement supports a wide variety of external clock references, including clocking derived from the
digital audio interface. Three Frequency Locked Loop (FLL) circuits provide additional flexibility.
Unused circuitry can be disabled under software control, in order to save power; low leakage currents enable extended
standby/off time in portable battery-powered applications. The CS47L85
‘Always-On’ circuitry can be used (in conjunction
with the Apps Processor) to ‘Wake-Up’ the device following a headphone jack detection event.
Versatile GPIO functionality is provided, and support for external accessory / push-button detection inputs. Comprehensive
Interrupt (IRQ) logic and status readback are also provided.
HI-FI AUDIO CODEC
The CS47L85 is a high-performance low-power audio CODEC which uses a simple analogue architecture. Six ADCs are
incorporated, with multiplexers to support up to nine analogue inputs. Eight DACs are incorporated, providing a dedicated
DAC for each analogue output channel.
The analogue outputs comprise three 32mW (121dB SNR) stereo headphone amplifiers with ground-referenced output, and
a Class D stereo speaker driver capable of delivering 2.5W per channel into a 4
Ω load. Six analogue inputs are provided,
each supporting single-ended or differential input modes. In differential mode, the input path SNR is 106dB (16kHz sample
rate, i.e., wideband voice mode). The ADC input paths can be bypassed, supporting up to 12 channels of digital microphone
input.
The audio CODEC is controlled directly via register access. The simple analogue architecture, combined with the integrated
tone generator, enables simple device configuration and testing, minimising debug time and reducing software effort.
The CS47L85 output drivers are designed to support as many different system architectures as possible. Each output has
a dedicated DAC which allows mixing, equalisation, filtering, gain and other audio processing to be configured independently
for each channel. This allows each signal path to be individually tailored for the load characteristics. All outputs have
integrated pop and click suppression features.
The headphone output drivers are ground-referenced, powered from an integrated charge pump, enabling high quality,
power efficient headphone playback without any requirement for DC blocking capacitors. Ground loop feedback is
incorporated, providing rejection of noise on the ground connections. A mono mode is available on the headphone outputs;
this configures the drivers as differential (BTL) outputs, suitable for an earpiece or hearing aid coil.
The Class D speaker drivers deliver excellent power efficiency. High PSRR, low leakage and optimised supply voltage
ranges enable powering from switching regulators or directly from the battery. Battery current consumption is minimised
across a wide variety of voice communication and multimedia playback use cases.
The CS47L85 is cost-optimised for a wide range of mobile phone applications, and features two channels of Class D power
amplification. For applications requiring more than two channels of power amplification (or when using the integrated Class
D path to drive a haptics actuator), the PDM output channels can be used to drive up to four external PDM-input speaker
drivers. In applications where stereo loudspeakers are physically widely separated, the PDM outputs can ease layout and
EMC by avoiding the need to run the Class-D speaker outputs over long distances and interconnects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com